Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFD4N65S Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFD4N65S
Description  Super-Junction Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFD4N65S Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFD4N65S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD4N65S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD4N65S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD4N65S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD4N65S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD4N65S Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD4N65S Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.winsemi.com
Tel : 0755-82506288
Fax : 0755-82506299
2/7
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WFD4N65S Product Description
650V
650V
650V
650V Super-Junction
Super-Junction
Super-Junction
Super-Junction Power
Power
Power
Power MOSFET
MOSFET
MOSFET
MOSFET
Electrical Characteristics(Tc=25℃ unless otherwise noted)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Gate leakage current
IGSS
VGS=±30V,VDS=0V
-
-
±100
nA
Drain cut -off current
IDSS
VDS=650,VGS=0V,
Tj=25℃
Tj=125℃
-
-
-
10
1
-
µ A
Drain -source breakdow n voltage
V(BR)DSS
ID=250µA,VGS=0V
650
-
-
V
Gate threshold voltage
VGS(th)
VDS=VGS,ID=250uA
2.5
3.5
4.5
V
Drain -source ON resistance
RDS(ON)
VGS=10V,ID=2A
Tj=25℃
Tj=150℃
-
-
0.83
1.9
0.93
-
Ω
Gate resistance
RG
f=1MHz,open drain
-
0.4
-
Ω
Input capacitance
Ciss
VDS=25V,
VGS=0V,
f=1MHz
-
450
pF
Reverse transfer capacitance
Crss
-
5
Output capacitance
Coss
-
300
Turn-on delay time
td(on)
V
DD = 300V, I D = 2A
RG = 12Ω, VGS=10V
-
13
-
ns
Rise time
tr
-
12
-
Turn-off delay time
td(off)
-
31
-
Fall time
tf
-
9
-
Gate to source charge
Qgs
VDD=480V,ID=2A,
VGS=0 to 10 V
-
3
-
nC
Gate to drain charge
Q gd
-
6
-
Gate charge total
Qg
-
13
-
Gate plateau voltage
Vplateau
-
5. 8
-
V
Source-Drain Ratings and Characteristics(Ta=25℃)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Diode forward voltage
VSD
VGS=0 V, IF=2A
-
-
1.2
V
Reverse recovery time
trr
VR=50 V, IF=4A,
dIF/dt=100 A/μs
-
220
-
ns
Reverse recovery charge
Qrr
-
1.6
-
µc
Peak reverse recovery current
Irrm
-
12
-
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com