Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6044AIN Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6044AIN
Description  CMOS Quad Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6044AIN Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC6044AIN Datasheet HTML 4Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 5Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 6Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 7Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 8Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 9Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 10Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 11Page - National Semiconductor (TI) LMC6044AIN Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC)
The extremely high input impedance, and low power con-
sumption, of the LMC6044 make it ideal for applications that
require battery-powered instrumentation amplifiers. Ex-
amples of these type of applications are hand-held pH
probes, analytic medical instruments, magnetic field detec-
tors, gas detectors, and silicon based pressure transducers.
The circuit in
Figure 7 is recommended for applications
where the common-mode input range is relatively low and
the differential gain will be in the range of 10 to 1000. This
two op-amp instrumentation amplifier features an indepen-
dent adjustment of the gain and common-mode rejection
trim, and a total quiescent supply current of less than 40 µA.
To maintain ultra-high input impedance, it is advisable to use
ground rings and consider PC board layout an important part
of the overall system design (see Printed-Circuit-Board Lay-
out for High Impedance Work). Referring to
Figure 7, the in-
put voltages are represented as a common-mode input V
CM
plus a differential input V
D. Rejection of the common-mode
component of the input is accomplished by making the ratio
of R1/R2 equal to R3/R4. So that where,
A suggested design guideline is to minimize the difference of
value between R1 through R4. This will often result in im-
proved resistor tempco, amplifier gain, and CMRR over tem-
perature. If RN = R1 = R2 = R3 = R4 then the gain equation
can be simplified:
Due to the “zero-in, zero-out” performance of the LMC6044,
and output swing rail-rail, the dynamic range is only limited to
the input common-mode range of 0V to V
S– 2.3V, worst case
at room temperature. This feature of the LMC6044 makes it
an ideal choice for low-power instrumentation systems.
A complete instrumentation amplifier designed for a gain of
100 is shown in
Figure 8. Provisions have been made for low
sensitivity trimming of CMRR and gain.
DS011138-11
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board.)
FIGURE 6. Air Wiring
DS011138-12
FIGURE 7. Two Op-Amp Instrumentation Amplifier
DS011138-13
FIGURE 8. Low-Power Two-Op-Amp
Instrumentation Amplifier
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com