Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT71 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT71
Description  Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SHT71 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT71 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT71 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.sensirion.com
Sensirion, Eggbühlstr. 14, 8052 Zürich, Switzerland, Tel: +41 1 306 40 00, Fax: +41 1 306 40 30
v2.02
SHT1x / SHT7x
Humidity & Temperature Sensor
- Relative humidity and temperature sensors
- Dew point
- Fully calibrated, digital output
- Excellent long-term stability
- No external components required
- Ultra low power consumption
- Surface mountable or 4-pin fully interchangeable
- Small size
- Automatic power down
SHT1x / SHT7x Product Summary
The SHTxx is a single chip relative humidity and
temperature multi sensor module comprising a calibrated
digital output. Application of industrial CMOS processes with
patented micro-machining (CMOSens® technology) ensures
highest reliability and excellent long term stability. The
device includes a capacitive polymer sensing element for
relative humidity and a bandgap temperature sensor. Both
are seamlessly coupled to a 14bit analog to digital converter
and a serial interface circuit on the same chip. This results in
superior signal quality, a fast response time and insensitivity
to external disturbances (EMC) at a very competitive price.
Each SHTxx is individually calibrated in a precision humidity
chamber with a chilled mirror hygrometer as reference. The
calibration coefficients are programmed into the OTP
memory. These coefficients are used internally during
measurements to calibrate the signals from the sensors.
The 2-wire serial interface and internal voltage regulation
allows easy and fast system integration. Its tiny size and low
power consumption makes it the ultimate choice for even
the most demanding applications.
The device is supplied in either a surface-mountable LCC
(Leadless Chip Carrier) or as a pluggable 4-pin single-in-line
type package. Customer specific packaging options may be
available on request.
1
Applications
_ HVAC
_ Automotive
_ Consumer Goods
_ Weather Stations
_ Humidifiers
_ Dehumidifiers
VDD
GND
SCK
DATA
Calibration
Memory
%RH
Sensor
Temp.
Sensor
Digital 2-
wire
Interface
&
CRC
generator
A
D
Block Diagram
Ordering Information
Part
Number
Humidity
accuracy
[%RH]
Temperature
accuracy [K]
@ 25 °C
Package
SHT11
±3.0
±0.4
SMD (LCC)
SHT15
±2.0
±0.3
SMD (LCC)
SHT71
±3.0
±0.4
4-pin single-in-line
SHT75
±1.8
±0.3
4-pin single-in-line
_ Test & Measurement
_ Data Logging
_ Automation
_ White Goods
_ Medical
Evaluation Kit
Available
SHT7x
SHT1x


Similar Part No. - SHT71

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC1-SHT71 Datasheet
530Kb / 9P
Humidity & Temperature Sensor
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
More results

Similar Description - SHT71

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
Humidity & Temperature Sensor
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
logo
BELIMO AIRCONTROLS (USA...
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
Duct Sensor Humidity / Temperature
22RTH-59-1 BELIMO-22RTH-59-1 Datasheet
611Kb / 5P
Room Sensor Humidity / Temperature
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Schneider Electric
AP9335TH SCHNEIDER-AP9335TH Datasheet
104Kb / 2P
APC Temperature & Humidity Sensor
Oct 17, 2021
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
EnOcean GmbH.
ETHSA ENOCEAN-ETHSA Datasheet
123Kb / 1P
EnOcean Temperature & Humidity Sensor
April 2022
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
LoRaWAN Temperature/Humidity Sensor
19-May-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com