Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT75 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SHT75
Description  Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SHT75 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SHT75 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SHT1x / SHT7x Relative Humidity & Temperature Sensor System
www.sensirion.com
v2.02 July 2004
7/9
5 Package Information
5.1 SHT1x (surface mountable)
Table 10 SHT1x Pin Description
5.1.1 Package type
The SHT1x is supplied in a surface-mountable LCC
(Leadless Chip Carrier) type package. The sensors housing
consists of a Liquid Crystal Polymer (LCP) cap with epoxy
glob top on a standard 0.8 mm FR4 substrate. The device is
free of lead, Cd and Hg.
Device size is 7.42 x 4.88 x 2.5 mm (0.29 x 0.19 x 0.1 inch)
Weight 100 mg
The production date is printed onto the cap in white numbers
in the form wwy. e.g. ”351” = week 35, 2001.
5.1.2 Delivery Conditions
The SHT1x are shipped in 12mm tape at 100pcs or 400pcs..
Reels are individually labelled with barcode and human
readable labels. The Lot numbers allow full traceability
through production, calibration and test.
Cover Tape
Carrier Tape
Leader Tape
480mm minimum
Trailer Tape
300mm minimum
Components
2.8mm
Figure 12 Tape configuration and unit orientation
5.1.3 Soldering Information
Standard reflow soldering ovens may be used
. For details
please see application note "soldering procedure".
For manual soldering contact time must be limited to 5
seconds at up to 350 °C.
After soldering the devices should be stored at >74 %RH for
at least 24h to allow the polymer to rehydrate.
Please consult the application note “Soldering procedure” for
more information.
5.1.4 Mounting Examples
Figure 13 SHT1x PCB Mounting example
The SF1 membrane filter cap is available for optimal IP67
protection. When mounted through a housing the interior can
be protected from the environment while still allowing high
quality humidity measurements (see example below).
housing
housing
PCB
o-ring
SHT1x
Filtercap
melted plastic pin
Figure 14 SF1 IP67 filter cap mounting example
Pin Name
Comment
1
GND
Ground
2
DATA
Serial data, bidirectional
3
SCK
Serial clock, input
4
VDD
Supply 2.4 - 5.5 V
NC
Remaining pins must be left unconnected
7.08 (0.278)
4.88 (0.19)
2.44
(0.1)
1
2
3
4
sensor opening
NC
NC
NC
NC
NC
NC
1.9
(0.07)
1.49
(0.06)
1.15
(0.04)
actual size
Top View
Side View
Recommended PCB Footprint
1.8
(0.07)
1.8
(0.07)
3.48 (0.137)
Figure 15 SHT1x drawing and footprint dimensions in mm (inch)
Slit to minimize heat
transfer from the PCB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com