Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HT3
Description  Precise Temperature Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HT3 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HT3 Datasheet HTML 1Page - Laird Tech Smart Technology HT3 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
global solutions: local support
TM
Suffix ThickneSS
(prior To Tinning)
flaTneSS &
paralleliSM
hoT
face
cold
face
lead
length
11
0.126”± 0.005”
0.002” / 0.0035”
Lapped
Lapped
6.0
Ta
0.126”± 0.001”
0.001” / 0.001”
Lapped
Lapped
6.0”
TB
0.126”± 0.0005”
0.0005” / 0.0005” Lapped
Lapped
6.0”
Suffix SealanT color TeMp range deScripTion
r
RTV
White
-60 to 204 °C
Non-corrosive, silicone adhesive sealant
e
Epoxy
Black
-55 to 150 °C
Low density syntactic foam epoxy encapsulant
Innovative Technology
for a Connected World
ThermaTECSeries HT3,12,F2,3030
Thermoelectric Modules
Americas: +1 888.246.9050
Europe: +46.31.420530
Asia: +86.755.2714.1166
clv.customerpos@lairdtech.com
www.lairdtech.com
FEaTurES
• Thermal Cycling Durability
• Power Cycling Reliability
• Precise Temperature Control
• Strong Lead Attachment
• RoHS Compliant
• Continuous Operation
at High Temperatures
appliCaTionS
• Analytical Instrumentation
• PCR Cyclers
• Thermal Test Sockets
• Electronic Enclosure Cooling
• Chillers (Liquid Cooling)
• Power Generation
The ThermaTECSeries of thermoelectric modules (TEMs) are designed to operate under
cycling conditions or high temperature applications.
This product line is available in multiple configurations and is ideal for applications
that require both heating and cooling mode (reverse polarity) or power generation.
Assembled with proprietary solder construction, Bismuth Telluride semiconductor material
and thermally conductive Aluminum Oxide ceramics, the ThermaTECSeries is designed
for higher current and larger heat-pumping applications.
perforMance SpecificaTionS
hot Side Temperature (°c)
25°C
50°C
Qmax (Watts)
24.7
27.2
delta Tmax (°c)
63
75
imax (amps)
2.9
2.9
Vmax (Volts)
14.5
16.4
Module resistance (ohms)
4.65
5.24
SEaling opTion


Similar Part No. - HT3

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
HT3 HELLERMANNTYTON-HT3 Datasheet
24Kb / 1P
Chloroprene (CR)
V01/01.08.07
logo
Weller Tools
HT3 WELLER-HT3 Datasheet
80Kb / 4P
Soldering Tips
logo
Extech Instruments Corp...
HT30 EXTECH-HT30 Datasheet
165Kb / 12P
Heat Stress WBGT Meter
logo
Seoul Semiconductor
HT300 SEOUL-HT300 Datasheet
489Kb / 11P
GREEN HIGH FLUX LED
HT300 SEOUL-HT300 Datasheet
576Kb / 14P
GREEN HIGH FLUX LED
More results

Similar Description - HT3

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
AA-034-12-22 LSTD-AA-034-12-22 Datasheet
976Kb / 2P
Precise temperature control
DA-039-12-02 LSTD-DA-039-12-02 Datasheet
908Kb / 2P
Precise temperature control
DA-075-12-02 LSTD-DA-075-12-02 Datasheet
754Kb / 2P
Precise temperature control
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
HT6 LSTD-HT6 Datasheet
353Kb / 2P
Precise Temperature Control
MS5 LSTD-MS5 Datasheet
536Kb / 2P
Precise temperature control
PC4 LSTD-PC4 Datasheet
584Kb / 2P
Precise temperature control
DA-115-24-02 LSTD-DA-115-24-02 Datasheet
870Kb / 2P
Precise temperature control
LA-045-12-02-00-00 LSTD-LA-045-12-02-00-00 Datasheet
307Kb / 3P
Precise temperature control
LA-115-24-02-00-00 LSTD-LA-115-24-02-00-00 Datasheet
300Kb / 3P
Precise temperature control
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com