Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMPCB-LLD Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # IMPCB-LLD
Description  Lead-free solder compatible
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

IMPCB-LLD Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  IMPCB-LLD Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
global solutions: local support
TM
Innovative Technology
for a Connected World
TlamTM IMPCB LLD
Thermally Conductive PCB Substrate
ULTRA-BRIGHT LED INSULATED METAL PRINTED CIRCUIT BOARD MATERIAL
Tlam IMPCB LLD is a copper circuit layer and aluminum or copper base plate bonded together with LLD
dielectric. Tlam IMPCB LLD is processed through standard FR4 print and etch operations.
LLD is designed for bright and ultra-bright LED module applications. LLD products have 6-8 times better
thermal conductivity compared to FR4, key to keeping components cool. LLD boards are
processed through standard pick-and-place SMT and manual wire bond operations.
Standard constructions are made with 1 or 2 ounce copper and 0.040 (1) or 0.062 (1.6) inch (mm)
thick aluminum.
FEATURES AND BENEFITS
• RoHS compliant
• Environmentally green
• Lead-free solder compatible
• Uses standard FR4 print and etch processing
Americas: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
APPLICATIONS
•Highway and street lights using LEDs
• Railroad crossing signal lights using LEDs
• BLU for large format LCD TVs
• General lighting
THERMAL PROPERTIES
UNITS
Tlam IMPCB
LLD04
Thermal Conductivity
watt/mº-K
2.0
Thermal Resistance
C-in2/Watt
(C-cm2/Watt)
0.07
(0.504)
Glass Transition Temperature
°C
165
Operating Temperature, Maximum
°C
150
Heat Capacity
J/g°C
1.12
ELECTRICAL PROPERTIES
UNITS
Tlam IMPCB
LLD04
Dielectric Constant @ 1KHz/1MHz
5.1/4.8
Dissipation Factor @ 1KHz
0.007
Capacitance @ 1 KHz
pF/in2 (pF/cm2)
287 (44.5)
Volume Resistivity @25°C
ohm-cm
1.0E+15
Volume Resistivity @150°C
ohm-cm
2.0E+12
Surface Resistivity
ohm
1.5E+12
Dielectric Withstand (VDC)
VDC
1800
Dielectric Breakdown (VAC)
VAC
2500
Data for design engineer guidance only.
Typical values, observed performance varies in application.
Engineers are reminded to test the material in application.
Peel strength is measured with 1oz Cu.
MECHANICAL PROPERTIES
UNITS
Tlam IMPCB
LLD04
Dielectric Thickness
inch (mm)
0.004 (0.102)
Peel Strength
pli (kgf/cm)
6.0 (1.1)
CTE < Tg XY/Z axis
ppm/°C
16/36
CTE > Tg XY/Z axis
ppm/°C
18/155
Tensile Strength @ 25/150 °C MD/TD
MPa
88/57
Elongation 25/150 °C
%
0.8/1.0
Young's Modulus @ 25/150 °C
MPa
13180/6810
Poisson's Ratio 25/150 °C
0.277/0.263
Flexural Strength 25 °C
MPa
142
AGENCY RATINGS & DURABILITY
UNITS
Tlam IMPCB
LLD04
UL Flammability
E165095
94V0
Solder Float (4 min. @ 288 °C)
Pass
Comparative Tracking Index
600
THR-DS-Tlam-IMPCB-LLD 0412
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the
fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages
of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technolo-
gies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party
intellectual property rights. A16230-00 REV C, 04/18/12.


Similar Part No. - IMPCB-LLD

ManufacturerPart #DatasheetDescription
logo
Power-One
IMP POWER-ONE-IMP Datasheet
72Kb / 4P
1...12 Watt DC-DC Converters
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 9P
Intelligent MP Series
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP Datasheet
2Mb / 8P
Intelligent MP
More results

Similar Description - IMPCB-LLD

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SS-1KA LSTD-SS-1KA Datasheet
572Kb / 2P
Lead-free solder compatible
logo
STANLEY ELECTRIC CO.,LT...
VCEL1152GS-TR STANLEY-VCEL1152GS-TR Datasheet
729Kb / 25P
Lead-free soldering compatible
VCEW1152GA3S-TR STANLEY-VCEW1152GA3S-TR Datasheet
765Kb / 26P
Lead-free soldering compatible
VCFW1151CA3S-TR STANLEY-VCFW1151CA3S-TR Datasheet
663Kb / 25P
Lead-free soldering compatible
VCKB1111CS-TR STANLEY-VCKB1111CS-TR Datasheet
553Kb / 22P
Lead-free soldering compatible
VSTL1156GSE-TR STANLEY-VSTL1156GSE-TR Datasheet
734Kb / 26P
Lead-free soldering compatible
FKY1112H-TR STANLEY-FKY1112H-TR Datasheet
495Kb / 21P
Lead-free soldering compatible
FKY1113F-TR STANLEY-FKY1113F-TR Datasheet
580Kb / 20P
Lead-free soldering compatible
VFHA1111CS-3BZ3B-TR STANLEY-VFHA1111CS-3BZ3B-TR Datasheet
540Kb / 23P
Lead-free soldering compatible
FKR1111C-TR STANLEY-FKR1111C-TR Datasheet
1Mb / 20P
Lead-free soldering compatible
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com