Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS-9 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # JCS-9
Description  Very flexible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

JCS-9 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  JCS-9 Datasheet HTML 1Page - Laird Tech Smart Technology JCS-9 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eccosorb® JCS
2
RFP-DS-JCS 081015
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird materials rests with the end user, since Laird and its
agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall
not be liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright
2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be
the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
APPLICATIONS
• Eccosorb JCS is used to lower cavity Q’s in RF amplifiers, oscillators, cabinets containing
microwave devices, computer housings, LNB’s, and isolation of antennas by insertion loss.
• Eccosorb JCS is also used to reduce surface currents on radiating elements and outer
ground-plane type surfaces.
AVAILABILITY
• Standard sheets are 30.5 cm x 30.5 cm (12’’x12’’)
• Standard thicknesses are 0.50 mm – 3.18 mm (0.20”-0.125”) with the exception of JCS-9
which has a maximum thickness of 2.03 mm (0.08”)
• Eccosorb JCS can also be supplied with a Pressure Sensitive Adhesive(PSA)
Product designation ‘ECCOSORB® JCS-X/SS6M’.
• Eccosorb JCS is available in other sizes and customer specified configurations upon
request.
31
41
51
61
71
81
33
43
53
63
73
83
Frequency (GHz)
Typical attenuation of
ECCOSORB JCS-7
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
Frequency (GHz)
JCS Permittivity (e')
JCS-3
JCS-5
JCS-7
JCS-9
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
Frequency (GHz)
JCS Permittivity (e")
JCS-3
JCS-5
JCS-7
JCS-9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com