Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS5 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # MS5
Description  Precise temperature control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

MS5 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  MS5 Datasheet HTML 1Page - Laird Tech Smart Technology MS5 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
THR-DS-MS5,257,10,15 0609
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies
materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness,
merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or
consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a
copy of which will be furnished upon request. © Copyright 2009 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other
marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties.
Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
Multistage Series MS5,257,10,15
Thermoelectric Modules
operating tipS
• Max Operating Temperature: 80°C
• Do not exceed Imax or Vmax when
operating module
• Reference assembly guidelines for
recommended installation
• Solder tinning also available on
metallized ceramics
therMo
electric
Performance Curves at Th = 25°C
Delta T (°C)
Delta T (°C)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0
20
40
60
80
100
120
140
THICKNESS
SEE TABLE
24 AWG PVC
COLD FACE
HOT FACE
0.31
[8.0]
0.31
[8.0]
1.18
[30.0]
1.18
[30.0]
+INPUT
(RED)
-INPUT
(BLACK)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
80
100
120
140
1.0
1.2
1.4
1.6
100% Alumina Ceramics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com