Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCF Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # OCF
Description  Open-cell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

OCF Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  OCF Datasheet HTML 1Page - Laird Tech Smart Technology OCF Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eccosorb® OCF
Broadband, Convoluted, Open-Cell, Foam Absorber
Americas: +1.866.928.8181
Europe: +49.(0)8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
BROADBAND CONVOLUTED OPEN-CELL FOAM ABSORBER
Eccosorb OCF is a series of premium-grade tapered broadband absorbers. It has a
convoluted shape similar to the Eccosorb CV material, but is made from a much more open-
cell foam material. This open structure allows the piece to be used at high humidity
although long term exposure to water and UV should be avoided. For indoor higher power
requirements, cooling air can be circulated through the foam structure, either by natural
convection or by fan, to keep the temperature of the piece down. Because of the rounded
convolutions and lack of sharp corners and tips, Eccosorb OCF is the preferred absorber for
mm wave frequencies and for grazing incidence angles out to 60° off-normal.
FEATURES AND BENEFITS
• Open-cell
• Broadband absorption due to high thickness
• High reflectivity due to geometric structure
MARKETS
• Commercial Telecom
• Test and Measurement
SPECIFICATIONS
TYPICAL PROPERTIES
ECCOSORB OCF
Frequency Range
>1.5 GHz
Max. Service Temperature °C (°F)
90 (194)
Power handling with unimpeded airflow
8 kW/m²
Data for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application.
APPLICATIONS
• Absorbing collars (shrouds) around the edges of high performance antennas
• MM-wave applications
• Small test boxes
AVAILABILITY
• Eccosorb OCF is available in standard piece sizes of 61 cm x 61 cm.
• Three grades are available, Eccosorb OCF-3, OCF-4 and OCF-6, with resp. heights of 7.5
cm, 10 cm and 15 cm. The thickness (height) determines primarily the low frequency end
of performance, all grades have similar performance at millimeter wave frequencies.
• Eccosorb OCF is supplied with the front surface painted white.
• If the primary application is for millimeter wave frequencies, it is recommended to ask for
absorber to be supplied without paint, as it can have a negative effect on the reflectivity
performance.
LOW FREQUENCY LIMIT (IN GHz) OF INDICATED REFLECTIVITY
GRADE
-20 dB
-30 dB
-40 dB
-50 dB
OCF-3
3
6
9
25
OCF-4
2.5
5
8
25
OCF-6
1.5
3
6
25
The table gives the specified reflectivity values, showing the frequency at which a particular reflectivity
can be expected for each grade. Just as with Eccosorb CV, a reflectivity of -40 dB can be expected at 94
GHz. There is little degradation of the reflectivity for incidence angles as wide as 60° off-normal
incidence.


Similar Part No. - OCF

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
OCF10IW-X PANDUIT-OCF10IW-X Datasheet
80Kb / 1P
Inside corner fitting for use with LD10 raceway
OCF3IW-E PANDUIT-OCF3IW-E Datasheet
80Kb / 1P
Inside corner fitting for use with LD10 raceway
OCF5IW-E PANDUIT-OCF5IW-E Datasheet
80Kb / 1P
Inside corner fitting for use with LD10 raceway
More results

Similar Description - OCF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_09 Datasheet
290Kb / 16P
5-Cell to 10-Cell Li Protector with Cell Balancing
Rev 2; 1/09
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
List of Unclassifed Man...
ST3151A05-1 ETC2-ST3151A05-1 Datasheet
1Mb / 21P
31.5inch color active matrix LCD open cell with 1ch-LVDS interface
ST3151A05-4 ETC2-ST3151A05-4 Datasheet
1Mb / 22P
31.5inch color active matrix LCD open cell
ST3151A05-5 ETC2-ST3151A05-5 Datasheet
1Mb / 22P
31.5inch color active matrix LCD open cell
ST3151A05-8 ETC2-ST3151A05-8 Datasheet
1Mb / 22P
31.5inch color active matrix LCD open cell
ST3151A05-9 ETC2-ST3151A05-9 Datasheet
1Mb / 22P
31.5inch color active matrix LCD open cell
logo
Maxim Integrated Produc...
DS2726 MAXIM-DS2726_V01 Datasheet
288Kb / 16P
5-Cell to 10-Cell Li Protector with Cell Balancing
2010
logo
Orbel Corporation
BELL-SHAPED ORBEL-BELL-SHAPED Datasheet
190Kb / 2P
Open-cell Polyurethane foam core
REV. 01
D-SHAPED ORBEL-D-SHAPED Datasheet
193Kb / 2P
Open-cell Polyurethane foam core
REV. 01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com