Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS69278P Datasheet(PDF) 3 Page - Laird Tech Smart Technology

Part # PAS69278P
Description  Compatibilidade com RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

PAS69278P Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  PAS69278P Datasheet HTML 1Page - Laird Tech Smart Technology PAS69278P Datasheet HTML 2Page - Laird Tech Smart Technology PAS69278P Datasheet HTML 3Page - Laird Tech Smart Technology PAS69278P Datasheet HTML 4Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIAGRAMA DE RADIAÇÃO
960 MHz
1710 MHz
1950 MHz
Plano Horizontal
Plano Horizontal
Plano Horizontal
Porta 1
Porta 1
Porta 1
Porta 1
Porta 1
Porta 1
Porta 2
Porta 2
Porta 2
Porta 2
Porta 2
Porta 2
Plano Vertical
Plano Vertical
Plano Vertical
Américas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europa: +44.1628.858941
IAS-EUSales@lairdtech.com
Ásia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
PAS69278P
Antena Painel Direcional / Baixa Intermodulação Passiva (PIM)
698-960 MHz / 1710-2700 MHz - 2 Portas MIMO
Montagem em mastro



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com