Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS-1KA Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # SS-1KA
Description  Lead-free solder compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SS-1KA Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  SS-1KA Datasheet HTML 1Page - Laird Tech Smart Technology SS-1KA Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
TlamTM SS 1KA
Thermally Conductive PCB Substrate
THR-DS-Tlam-SS-1KA 1110
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird Technologies materials rests with the end user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the
fitness, merchantability or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages
of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request.
© Copyright 2010 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technolo-
gies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party
intellectual property rights. A16040-00 Rev E,11/08/10.
Typical value, for design engineer guidance only. Observed performance varies in application.
Engineers are reminded to test the material in application. Peel strength is measured with 1oz Cu.
OpERATINg vOLTAgE
UNITS
Tlam SS 1KA04
Tlam SS 1KA06
Tlam SS 1KA08
Continuous AC
vAC
50
120
240
Continuous DC
vDC
95
225
450
Peak Recurring
vp
140
300
600
THERmAL pROpERTIES
UNITS
Tlam SS 1KA04
Tlam SS 1KA06
Tlam SS 1KA08
Thermal Conductivity*
Watt/m °K
3
3
3
Thermal Resistance
°C-in2/watt
(°C-cm2/watt)
0.05
(0.34)
0.08
(0.52)
0.11
(0.70)
glass Transition Temperature
°C
105
105
105
Operating Temperature, maximum
°C
110
120
130
Soldering Temperature, maximum
°C
288
288
288
Heat Capacity
J/g °K
1.53
1.53
1.53
ELECTRICAL pROpERTIES
UNITS
Tlam SS 1KA04
Tlam SS 1KA06
TlamSS 1KA08
Dielectric Constant @ 1KHz/1mHz
4.3/4.1
4.3/4.1
4.3/4.1
Dissipation Factor @ 1KHz/1mHz
0.008/0.035
0.008/0.035
0.008/0.035
Capacitance @ 1KHz/1mHz
pF/in2
244/230
161/153
121/115
volume Resistivity
ohm-cm
1.20E+14
1.20E+14
1.20E+14
Surface Resistivity
ohm
1.00E+10
1.00E+10
1.00E+10
Dielectric Strength
vAC/mil (KvAC/mm)
650 (25.6)
800 (31.5)
800 (31.5)
Withstand voltage
vDC
1800
2500
3500
mECHANICAL pROpERTIES
UNITS
Tlam SS 1KA04
Tlam SS 1KA06
Tlam SS 1KA08
Dielectric Thickness
inches (mm)
0.004 (0.102)
0.006 (0.152)
0.008 (0.203)
Peel Strength
lbs/in (Kg/cm)
4.5 (0.8)
4.5 (0.8)
5.0 (1.0)
CTE in XY/Z axis < Tg
ppm
32/43
32/43
32/43
CTE in XY/Z axis > Tg
ppm
81/171
81/171
81/171
Tensile Strength
MPa
52.2
52.2
52.2
Elongation 25/150°C
%
0.8/1.1
0.8/1.1
0.8/1.1
Young’s Modulus @ 25/150°C
MPa
9700/2700
9700/2700
9700/2700
Poisson’s Ratio @ 25/150°C
0.26/0.16
0.26/0.16
0.26/0.16
Flexural Strength
MPa
49.7
49.7
49.7
CHEmICAL pROpERTIES
UNITS
Tlam SS 1KA04
Tlam SS 1KA06
Tlam SS 1KA08
Water Absorption after 168 hours
% wt.
0.5
0.5
0.5
Out-gassing-Total mass Loss
% wt.
0.57
0.57
0.57
Collect volatile Condensable material
% wt.
0.06
0.06
0.06
AgENCY RATINgS & DURABILITY
UNITS
Tlam SS 1KA04
Tlam SS 1KA06
Tlam SS 1KA08
UL Continuous Operating Temperature
°C
110
120
130
UL Flammability
E165095
94v0
94v0
94v0
Comparative Tracking Index
600
600
600
Solder Float ( 3 min. @ 288°C)
Pass
Pass
Pass
*As measured on dielectric compound only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com