Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC173MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC173MS8
Description  GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC173MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC173MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2 - 29
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
2
V
CTL
-0.2 Vdc to Vdd
Vdd
+8 Vdc
Maximum Input Power
Vdd = +4.0 Vdc
+29 dBm
+21 dBm
Min Attenuation
Att. > 2 dB
Storage Temperature
-65 to +150 deg. C
Operating Temperature
-40 to +85 deg. C
Outline Drawing
Absolute Maximum Ratings
Control and Bias Voltages
V
L
T
C
0
0
1
-
@
c
d
V
0
.
3
+
o
t
0
µ
0
0
1
+
o
t
A
µA
d
d
V0
0
1
+
@
c
d
V
1
.
0
-
/
+
c
d
V
0
.
4
+
µA
HMC
173
XXXX
YYWW
DATE CODE
LOT NUMBER
YY= YEAR
WW= WEEK
PIN 1 (REF)
PIN 1
0.116/ 0.120
0.116/ 0.120
0.188/ 0.196
0.0256 TYP
0.012 TYP
0.032/ 0.036
0.038/ 0.042
(2.95/ 3.05)
(4.78/ 4.98)
(2.95/ 3.05)
(0.65)
(0.30)
(0.81/ 0.91)
(0.96/ 1.07)
0.005/ 0.007
(0.13/ 0.18)
0 to 5 deg
0.021 MIN TYP
(0.53)
Functional Diagram
PIN 1
VCTL
RF2
Vdd
GND
N/C
N/C
GND
RF1
* NOTE: DC blocking capacitors are required for each RF port. Capacitor value
determines lowest frequency of operation.
HMC173MS8 VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
1. MATERIAL:
A) PACKAGE BODY - LOW STRESS INJECTION - MOLDED PLASTIC, SILICA & SILICONE IMPREGNATED.
B) LEADFRAME MATERIAL: COPPER ALLOY
2. PLATING: LEAD - TIN SOLDER PLATE
3. DIMENSIONS ARE IN INCHES (MILLIMETERS), UNLESS OTHERWISE SPECIFIED TOL. ARE ±0.005(±0.13)
4. TAPE AND REEL SHIPMENT PACKAGING AVAILABLE, SEE PAGE 10 - 1
HMC173MS8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com