Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6213 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6213
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6213 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6213 Datasheet HTML 1Page - Sipex Corporation SP6213 Datasheet HTML 2Page - Sipex Corporation SP6213 Datasheet HTML 3Page - Sipex Corporation SP6213 Datasheet HTML 4Page - Sipex Corporation SP6213 Datasheet HTML 5Page - Sipex Corporation SP6213 Datasheet HTML 6Page - Sipex Corporation SP6213 Datasheet HTML 7Page - Sipex Corporation SP6213 Datasheet HTML 8Page - Sipex Corporation SP6213 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Rev. 9/22/03
SP6213 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2003 Sipex Corporation
General Overview
Enable/Shutdown Operation
The SP6213 is turned off by pulling the EN pin low
and turned on by pulling it high. If this enable/
shutdown feature is not required, EN should be
tied to VIN to keep the regulator output on at all
times.
Input Capacitor
A small capacitor of about 1
µF is required from
VIN to GND if e.g. a battery is used as the input.
Any good quality ceramic or tantalum capacitor
may be used at the input.
Output Capacitor
An output capacitor is required between VOUT and
GND to prevent oscillation. The minimum size of
the output capacitor is a 0.47
µF ceramic. The
given datasheet values relate to an IC with a
ceramic output capacitor of 1
µF. Larger values
make the IC more stable which means an improve-
ment of the regulator’s transient response. For a
lower output current, the output capacitance can be
chosen smaller in order to have the same output
stability.
No Load Stability
The SP6213 will remain stable and in regulation
with no external load (other than the internal
voltage driver) unlike many other voltage regula-
tors. This is especially important in CMOS RAM
keep-alive applications.
Thermal Considerations
The SP6213 is designed to provide 100 mA of
continuous current in a very tiny package. Maxi-
mum power dissipation can be calculated based on
the output current and the voltage drop across the
part. To determine the maximum power dissipa-
tion of the package, use the junction-to-ambient
thermal resistance of the device and the following
basic equation:
PD = (TJ(max) - TA) / ΘJA
TJ(max) is the maximum junction temperature of the
die and is 125
°C. TA is the ambient operating. ΘJA
is the junction-to-ambient thermal resistance for
the regulator and is layout dependent.The actual
power dissipation of the regulator circuit can be
determined using one simple equation:
PD = (VIN - VOUT)*IOUT + VIN*IGND
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the applica-
tion will give the maximum operating conditions
for the regulator circuit. For example, if we are
operating the SP6213 at 3.0V output at room
temperature, with a minimum footprint layout, we
can determine the maximum input voltage for a set
output current.
PD(max) =[(125°C-25°C)/(330°C/W)] =303mW.
To prevent the device from entering thermal shut-
down, maximum power dissipation can not be
exceeded. Using the output voltage of 3.0V and an
output current of 100 mA, the maximum input
voltage can be determined. Ground pin current can
be taken from the electrical spec’s- table (0.135
mA at 100 mA). The maximum input voltage is
determined as follows:
303mW = (VIN – 3.0V)*100mA + VIN*0.135mA
After calculations, we find that the maximum
input voltage of a 3.0V application at 100mA of
output current in an SC-70-5 package is 6.02V.
PIN NUMBER
PIN NAME
DESCRIPTION (FUNCTION)
3
GND
Ground Connection
4V
OUT
Regulator Output
5V
IN
Supply Input
1ENEnable / Shutdown (Logic high=enable; logic low = shutdown)
2NCNo Connection
PIN DESCRIPTION
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com