Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6685ER Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6685ER
Description  Charge Pump LED Driver For Camera Flash
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 2 Page - Sipex Corporation

  SP6685ER Datasheet HTML 1Page - Sipex Corporation SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation SP6685ER Datasheet HTML 5Page - Sipex Corporation SP6685ER Datasheet HTML 6Page - Sipex Corporation SP6685ER Datasheet HTML 7Page - Sipex Corporation SP6685ER Datasheet HTML 8Page - Sipex Corporation SP6685ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: 12/15/04
SP6685 Charge Pump LED Driver for Camera Flash
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, VIN =3.6, CIN = 4.7µF, CFC = COUT = 1.0µF. VSHDN = VIN, typical values at 25°C. The ♦ denotes the
specifications which apply over the full operating range unless otherwise noted.
V
IN - VOUT ....................................................................... -0.3V to 6V
Output Current Pulse (Flash) ................................. 1A
Output Current Continuous (Torch) ..................... 0.4A
Storage Temperature ...................... -65°C to +150°C
Operating Temperature ..................... -40°C to +85°C
EN ................................................................ 0V to 7V
ESD. ........................................................... 2kV HBM
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
ABSOLUTE MAXIMUM RATINGS
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
t
u
p
n
I
g
n
i
t
a
r
e
p
O7
.
23
.
4V
♦
♦
♦
♦
♦
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q5
.
02
A
m
♦
♦
♦
♦
♦
V
N
I
,
V
0
=
H
S
A
L
F
V
3
.
4
-
7
.
2
=
A
µ
0
0
1
=
d
a
o
l
I
2V
=
H
S
A
L
F
,
N
I
e
d
o
m
x
2
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S1
A
µ
♦
♦
♦
♦
♦
V
N
I
V
,
V
3
.
4
=
N
E
V
0
=
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O4
.
2z
H
M
♦
♦
♦
♦
♦
t
n
e
l
a
v
i
u
q
E
p
m
u
P
e
g
r
a
h
C
)
e
d
o
m
2
x
(
e
c
n
a
t
s
i
s
e
R
5
Ω
V
B
F
V
,
V
0
=
N
I
V
6
.
3
=
t
n
e
l
a
v
i
u
q
E
p
m
u
P
e
g
r
a
h
C
)
e
d
o
m
1
x
(
e
c
n
a
t
s
i
s
e
R
6
.
08
.
0
Ω
V
N
I
V
6
.
3
=
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
B
F2
4
10
5
18
5
1V
m
♦
♦
♦
♦
♦
V
=
H
S
A
L
F
N
I
R
T
E
S
K
0
0
1
=
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
B
F5
40
55
5V
m
♦
♦
♦
♦
♦
D
N
G
=
H
S
A
L
F
t
n
e
r
r
u
C
n
i
P
B
F5
.
0A
µ
♦
♦
♦
♦
♦
V
B
F
V
1
=
w
o
L
c
i
g
o
L
H
S
A
L
F
,
N
E4
.
0V
♦
♦
♦
♦
♦
h
g
i
H
c
i
g
o
L
H
S
A
L
F
,
N
E3
.
1V
♦
♦
♦
♦
♦
t
n
e
r
r
u
C
n
i
P
H
S
A
L
F
,
N
E5
.
0A
µ
♦
♦
♦
♦
♦
V
T
U
O
e
m
i
T
n
o
-
n
r
u
T0
5
20
0
5s
µ
♦
♦
♦
♦
♦
V
N
I
f
o
%
0
9
n
i
h
t
i
w
B
F
,
V
6
.
3
=
n
o
i
t
a
l
u
g
e
r
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
e
r
u
t
a
r
e
p
m
e
T
5
4
1C
º
s
i
s
e
r
e
t
s
y
H
l
a
m
r
e
h
T0
1C
º



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com