Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-31JT Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-31JT
Description  Miller Clamp Sinking Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-31JT Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-31JT Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-31JT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Ordering Information
Part Number
Option
Package
Surface Mount
Tape & Reel
IEC/EN/DIN EN
60747-5-5
Quantity
(RoHS Compliant)
ACPL-31JT
-000E
SO-16
X
X
45 per tube
ACPL-31JT
-500E
X
X
X
850 per reel
To order, choose a part number from the Part Number column and combine with the desired option from the RoHS
Complaint column to form an order entry.
Example 1:
ACPL-31JT-500E to order product of SO-16 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-5 Safety Approval in RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Package Outline Drawings
16-Lead Surface Mount
Dimensions in millimeters (inches)
Note:
Lead coplanarity = 0.10 mm (0.004 inches)
Floating lead protrusion = 0.25 mm (0.010 inches) Max.
Mold Flash on each side = 0.127 mm (0.005 inches) Max.
A 31JT
YYWW
EE
PART NUMBER
DATE CODE
RECOMMENDED LAND PATTERN
STANDOFF
•
8.763± 0.254
(0.345± 0.010)
0.635 min.
(0.025)
10.363± 0.254
(0.408± 0.010)
0.254
(0.010)
1.270 BSC
(0.050)
0.457 typ.
(0.018)
11.634
(0.458)
2.160
(0.085)
(0 - 8°)
9°(×4)
0.635
(0.025)
9°(×4)
RoHS
COMPLIANCE
INDICATOR
3.505± 0.127
(0.138± 0.005)
0.203± 0.102
(0.008± 0.004)
Extended
Datecode for
lot tracking
7.493 +0.254
–0.127
(0.295
10.363
(0.408
+0.010)
–0.005)
+0.254
–0.127
+0.010)
–0.005)
1.270
(0.050)
typ.
Recommended Lead-free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision).
Non-halide flux should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com