Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6442 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6442
Description  Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6442 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC6442 Datasheet HTML 1Page - National Semiconductor (TI) LMC6442 Datasheet HTML 2Page - National Semiconductor (TI) LMC6442 Datasheet HTML 3Page - National Semiconductor (TI) LMC6442 Datasheet HTML 4Page - National Semiconductor (TI) LMC6442 Datasheet HTML 5Page - National Semiconductor (TI) LMC6442 Datasheet HTML 6Page - National Semiconductor (TI) LMC6442 Datasheet HTML 7Page - National Semiconductor (TI) LMC6442 Datasheet HTML 8Page - National Semiconductor (TI) LMC6442 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2 kV
Differential Input Voltage
±Supply Voltages
Voltage at Input/Output Pin
(V
+) + 0.3V, (V−) − 0.3V
Supply Voltage (V
+ −V−):
16V
Current at Input Pin (Note 10)
±5mA
Current at Output Pin(Notes 3, 7)
±30 mA
Lead Temp. (soldering 10 sec)
260˚C
Storage Temp. Range:
−65˚C to +150˚C
Junction Temp. (Note 4)
150˚C
Operating Ratings(Note 1)
Supply Voltage
1.8V
≤ V
S
≤ 11V
Junction Temperature
−40˚C < T
J < +85˚C
Range: LMC6442AI, LMC6442I
Thermal Resistance (
θ
JA)
M Package, 8-pin Surface
Mount
193˚C/W
MSOP Package
235˚C/W
N Package, 8-pin Molded DIP
115˚C/W
2.2V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 2.2V, V− = 0V, V
CM =VO =V
+/2, and R
L =1M
Ω to V+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMC6442AI
Limit
(Note 6)
LMC6442I
Limit
(Note 6)
Units
DC Electrical Characteristics
V
OS
Input Offset Voltage
−0.75
±3
±4
±7
±8
mV
max
TCV
OS
Temp. coefficient of
input offset voltage
0.4
µV/˚C
I
B
Input Bias Current
(Note 14)
0.005
44
pA
max
I
OS
Input Offset Current
(Note 14)
0.0025
22
pA
max
CMRR
Common Mode
Rejection Ratio
−0.1V
≤ V
CM
≤0.5V
92
67
67
67
67
dB min
C
IN
Common Mode Input
Capacitance
4.7
pF
PSRR
Power Supply
Rejection Ratio
V
S =2.5Vto10V
95
75
75
75
75
dB
min
V
CM
Input Common-Mode
Voltage Range
CMRR
≥ 50 dB
1.3
1.05
0.95
1.05
0.95
V
min
−0.3
−0.2
0
−0.2
0
V
max
A
V
Large Signal Voltage
Gain
Sourcing (Note 11)
100
dB
min
Sinking(Note 11)
94
V
O = 0.22V to 2V
103
80
80
V
O
Output Swing
V
ID = 100 mV (Note 13)
2.18
2.15
2.15
2.15
2.15
V
min
V
ID = −100 mV (Note 13)
22
60
60
60
60
mV
max
I
SC
Output Short Circuit
Current
Sourcing, V
ID = 100 mV
(Notes 12, 13)
50
18
17
18
17
µA
min
Sinking, V
ID = −100 mV
(Notes 12, 13)
50
20
19
20
19
I
S
Supply Current (2
amplifiers)
R
L = open
1.90
2.4
3.0
2.6
3.2
µA
max
V
+ = 1.8V, R
L = open
2.10
AC Electrical Characteristics
SR
Slew Rate (Note 8)
2.2
V/ms
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com