Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2011SPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR2011SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2011SPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2011SPBF Datasheet HTML 7Page - International Rectifier IR2011SPBF Datasheet HTML 8Page - International Rectifier IR2011SPBF Datasheet HTML 9Page - International Rectifier IR2011SPBF Datasheet HTML 10Page - International Rectifier IR2011SPBF Datasheet HTML 11Page - International Rectifier IR2011SPBF Datasheet HTML 12Page - International Rectifier IR2011SPBF Datasheet HTML 13Page - International Rectifier IR2011SPBF Datasheet HTML 14Page - International Rectifier IR2011SPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.irf.com
11
IR2011(S) & (PbF)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
M ax.
Figure 12A. Offset Supply Leakage Current
vs. Tem perature
0
100
200
300
400
500
50
80
110
140
170
200
V
B Boost Voltage (V)
M ax.
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ.
M ax.
0
100
200
300
400
500
600
10
12
14
16
18
20
V
BS Floating Supply Voltage (V)
Typ.
M ax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com