Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP321 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP321
Description  IR Receiver Modules for Remote Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP321 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP321 Datasheet HTML 1Page - Vishay Siliconix TSOP321 Datasheet HTML 2Page - Vishay Siliconix TSOP321 Datasheet HTML 3Page - Vishay Siliconix TSOP321 Datasheet HTML 4Page - Vishay Siliconix TSOP321 Datasheet HTML 5Page - Vishay Siliconix TSOP321 Datasheet HTML 6Page - Vishay Siliconix TSOP321 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSOP321.., TSOP323.., TSOP325.., TSOP341.., TSOP343.., TSOP345..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 22-Jul-16
3
Document Number: 82490
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
Fig. 3 - Output Function
Fig. 4 - Output Pulse Diagram
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity in Bright Ambient
Ee
T
tpi *)
t
VO
VOH
VOL
tpo
2)
t
14337
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, N = 6 pulses, f = f0, t = 10 ms)
Output Signal
td
1)
1) 3/f
0 < td < 9/f0
2) t
pi - 4/f0 < tpo < tpi + 6/f0
*) tpi ≥ 6/f0 is recommended for optimal function
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.1
1
10
100
1000
10 000
E
e - Irradiance (mW/m²)
Input burst length
λ = 950 nm,
optical test signal, Fig. 1
Output pulse width
20760
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
100
1000
10 000
E
e - Irradiance (mW/m²)
20744
λ = 950 nm,
optical test signal, fig. 3
t
on
t
off
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δf(3 dB) = f
0/10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.1
1
10
100
E
e - Ambient DC Irradiance (W/m²)
Correlation with ambient light sources:
10 W/m² = 1.4 klx (std. illum. A, T = 2855 K)
10 W/m² = 8.2 klx (daylight, T = 5900 K)
Wavelength of ambient
illumination:
λ = 950 nm
20745



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com