Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6462 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6462
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC6462 Datasheet HTML 9Page - National Semiconductor (TI) LMC6462 Datasheet HTML 10Page - National Semiconductor (TI) LMC6462 Datasheet HTML 11Page - National Semiconductor (TI) LMC6462 Datasheet HTML 12Page - National Semiconductor (TI) LMC6462 Datasheet HTML 13Page - National Semiconductor (TI) LMC6462 Datasheet HTML 14Page - National Semiconductor (TI) LMC6462 Datasheet HTML 15Page - National Semiconductor (TI) LMC6462 Datasheet HTML 16Page - National Semiconductor (TI) LMC6462 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Information (Continued)
8.0 Instrumentation Circuits
The LMC6464 has the high input impedance, large
common-mode range and high CMRR needed for designing
instrumentation circuits. Instrumentation circuits designed
with
the
LMC6464
can
reject
a
larger
range
of
common-mode signals than most in-amps. This makes in-
strumentation circuits designed with the LMC6464 an excel-
lent choice for noisy or industrial environments. Other appli-
cations that benefit from these features include analytic
medical instruments, magnetic field detectors, gas detectors,
and silicon-based transducers.
A small valued potentiometer is used in series with Rg to set
the differential gain of the three op-amp instrumentation cir-
cuit in
Figure 14. This combination is used instead of one
large valued potentiometer to increase gain trim accuracy
and reduce error due to vibration.
A two op-amp instrumentation amplifier designed for a gain
of 100 is shown in
Figure 15. Low sensitivity trimming is
made for offset voltage, CMRR and gain. Low cost and low
power consumption are the main advantages of this two
op-amp circuit.
Higher frequency and larger common-mode range applica-
tions are best facilitated by a three op-amp instrumentation
amplifier.
DS012051-20
FIGURE 14. Low Power Three Op-Amp Instrumentation Amplifier
DS012051-21
FIGURE 15. Low-Power Two-Op-Amp Instrumentation Amplifier
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com