Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14CA8-R45 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # STK14CA8-R45
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-R45 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-R45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 13Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 14Page - List of Unclassifed Manufacturers STK14CA8-R45 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
14
ORDERING INFORMATION
STK14CA8
– R F 45 I
Temperature Range
Blank = Commercial (0 to 70ºC)
I = Industrial (-40 to 85ºC)
Access Time
25 = 25ns
35 = 35ns
45 = 45ns
Lead Finish
Blank = 85% Sn / 15% Pb
F = 100% Sn (Matte Tin) RoHS Compliant
Package
N = Plastic 32-pin 300 mil SOIC (50 mil pitch)
R = Plastic 48-pin 300 mil SSOP (25 mil pitch)
W = Plastic 32-pin 600 mil DIP (100 mil pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com