Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F211AF104K063C Datasheet(PDF) 21 Page - Kemet Corporation

Part # F211AF104K063C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211AF104K063C Datasheet(HTML) 21 Page - Kemet Corporation

Back Button F211AF104K063C Datasheet HTML 17Page - Kemet Corporation F211AF104K063C Datasheet HTML 18Page - Kemet Corporation F211AF104K063C Datasheet HTML 19Page - Kemet Corporation F211AF104K063C Datasheet HTML 20Page - Kemet Corporation F211AF104K063C Datasheet HTML 21Page - Kemet Corporation F211AF104K063C Datasheet HTML 22Page - Kemet Corporation F211AF104K063C Datasheet HTML 23Page - Kemet Corporation F211AF104K063C Datasheet HTML 24Page - Kemet Corporation F211AF104K063C Datasheet HTML 25Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016 21
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Marking
TOP
FRONT
Capacitance
Capacitance
Tolerance
Series
Voltage
Code
Manufacturing
Date Code
Packaging Quantities
KEMET
Size
Code
Legacy
Size
Code
Lead
Spacing
Thickness
(mm)
Height
(mm)
Length
(mm)
Bulk
Short
Leads
Bulk
Long
Leads
Standard
Reel
ø 360 mm
Large
Reel
ø 500 mm
Ammo
Standard
Reel
Formed
Ammo
Formed
JF
J01
5
2.5
6.5
7.2
2000
2000
2500
5000
3000
JJ
J02
3.5
8
7.2
2000
2000
2000
4000
2000
JL
J03
4.5
9
7.2
1000
1000
1500
3000
1700
JQ
J04
5
10
7.2
1000
1000
1300
2600
1500
JT
J05
6
11
7.2
1000
1000
1000
2000
1200
JU
J06
7.2
13
7.2
1000
1000
800
1600
JH
J11
4.5
6
7.2
1000
1000
1500
3000
1700
JK
J12
5.5
7
7.2
1000
1000
1200
2400
1300
JR
J13
6.5
8
7.2
1000
1000
900
1800
1100
KE
K00
7.5
2.5
6
10
2000
2000
2500
5000
3000
KG
K01
4
8
10
1000
1000
1700
3400
1900
KK
K03
5
11
10
1000
1000
1300
2600
1500
1200
KM
K04
6
12
10
1000
1000
1000
2000
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com