Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK17TA8-R45I Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # STK17TA8-R45I
Description  nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK17TA8-R45I Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button STK17TA8-R45I Datasheet HTML 14Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 15Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 16Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 17Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 18Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 19Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 20Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 21Page - List of Unclassifed Manufacturers STK17TA8-R45I Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
STK17TA8
February 2004
18
Document Control # ML0023 rev 0.3
1FFFCh
Timekeeping - Day
D7
D6
D5
D4
D3
D2
D1
D0
XXX
XX
Day of Week
Lower nibble contains a value that correlates to day of the week. Day of the week is a ring counter that counts from 1 to 7 then returns to 1.
The user must assign meanting to the day value, as the day is not integrated with the date.
1FFFBh
Timekeeping - Hours
D7
D6
D5
D4
D3
D2
D1
D0
12/24
X
10s Hours
Hours
Contains the BCD value of hours in 24 hour format. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble (two bits)
contains the upper digit and operates from 0 to 2. The range for the register is 0-23.
1FFFAh
Timekeeping - Minutes
D7
D6
D5
D4
D3
D2
D1
D0
X
10s Minutes
Minutes
Contains the BCD value of minutes. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble contains the upper min-
utes digit and operates from 0 to 5. The range for the register is 0-59.
1FFF9h
Timekeeping - Seconds
D7
D6
D5
D4
D3
D2
D1
D0
X
10s Seconds
Seconds
Contains the BCD value of seconds. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble contains the upper digit
and operates from 0 to 5. The range for the register is 0-59.
1FFF8h
Contol/Calibration
D7
D6
D5
D4
D3
D2
D1
D0
OSCEN
X
Calibration
Sign
Calibration
OSCEN
Oscillator Enable. When set to 1, the oscillator is halted. When set to 0, the oscillator runs. Disabling the oscillator saves battery/capacitor
power during storage. On a no-battery power-up, this bit is set to 1. The RTC will not run until the oscillator is enabled. Set this bit to 0 to
activate the RTC.
Calibration Sign
Determines if the calibration adjustment is applied as an addition to or as a subtraction from the time-base.
Calibration
These five bits control the calibration of the clock.
1FFF7h
Watchdog Timer
D7
D6
D5
D4
D3
D2
D1
D0
WDS
WDW
WDT
WDS
Watchdog Strobe. Setting this bit to 1 reloads and restarts the watchdog timer. Setting the bit to 0 has no affect. The bit is cleared automat-
ically once the watchdog timer is reset. The WDS bit is write only. Reading it always will return a 0.
WDW
Watchdog Write Enable. Setting this bit to 1 masks the watchdog timeout value (WDT5-WDT0) so it cannot be written. This allows the user
to strobe the watchdg without disturbing the timeout value. Setting this bit to 0 allows bits 5-0 to be witten on the next write to the Watchdog
register. The new value will be loaded on the nex internal watchdog clock after the write cycle is complete. This function is explained in
more detail in the watchdog timer section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com