Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFP840C Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFP840C
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP840C Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP840C Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP840C Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP840C Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP840C Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP840C Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP840C Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP840C Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W
W
W
WF
F
F
FP840C
P840C
P840C
P840C
WT-F018-Rev.A0 Apr.2013
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
9A,500V, RDS(on)(Max0.75Ω)@VGS=10V
Ultra-low Gate charge(Typical 28nC)
Fast Switching Capability
100%Avalanche Tested
Maximum Junction Temperature Range(150℃)
General Description
This Power MOSFET is produced using Winsemi’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. This devices is specially well
suited for high efficiency switch model power supplies, power
factor correction and half bridge and full bridge resonant topology
line a electronic lamp ballast.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
500
V
ID
Continuous Drain Current(@Tc=25℃)
9
A
Continuous Drain Current(@Tc=100℃)
5.4
A
IDM
Drain Current Pulsed
(Note1)
36
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
360
mJ
EAR
Repetitive Avalanche Energy
(Note1)
13.5
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4.5
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
130
W
Derating Factor above 25℃
1.07
W/℃
TJ,Tstg
Junction and Storage Temperature
-40~150
TL
Channel Temperature
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
0.96
℃/W
RQCS
Thermal Resistance , Case-to-Sink
-
0.5
-
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
62.5
℃/W


Similar Part No. - WFP840C

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFP840 WISDOM-WFP840 Datasheet
848Kb / 7P
N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFP840 WINSEMI-WFP840 Datasheet
741Kb / 7P
Silicon N-Channel MOSFET
WFP840B WINSEMI-WFP840B Datasheet
499Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - WFP840C

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com