Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXR Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # EXR
Description  Injection molded high performance flexible cable antenna
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXR Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  EXR Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Innovative Technology
for a Connected World
ANT-DS-EXR2400 0609
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials rests with the end
user, since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability or suitability of any Laird Technologies
materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the
Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2009 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trade marks or registered trade marks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
EXR2400
Today’s work and lifestyles require us to communicate anytime, anywhere whether on the move or sitting still.
Bluetooth and 802.11 standards make wireless connections to computer networks and other devices possible,
while at the same time enabling freedom of movement.
Laird Technologies’ practical and rugged external wireless device antennas are designed to fit into the portable
devices used in office, industrial and home environments. The antennas feature flexible elements and many are
½ wave coaxial dipole design for reduced ground dependence and improved performance.
FEATURES
• Injection molded high performance flexible cable antenna
• ½ wave coaxial dipole design for improved performance
• FCC part 15 compliant connector
MARKETS
• For Bluetooth & IEEE 802.11b/g devices
PARAmETER
SPECIFICATION
Frequency
2.4 - 2.5 GHz
VSWR
1.5:1 max at resonance
Polarization
Vertical
Gain
3 dBi
Nominal Impedance
50 ohms
Temperature Range
-40°C to +85°C
Power Rating
50 Watts
Length
14 cm
Drop Test
1 m
EXR
External Wireless Device Antenna
AziMuTh
EXR2400-TNSP
ELEVATiON
EXR2400-TNSP
CABLE & CONNECTORS
mODEL#
PART#
COLOR
CONNECTOR
EXR2400-BNRP-G
CAF28915
Gray
RP-BNC
EXR2400-BNRP-B
CAF28896
Black
RP-BNC
EXR2400-TNSP
CAF28777
Black
RP-TNC


Similar Part No. - EXR

ManufacturerPart #DatasheetDescription
logo
ETAL Group
EXR10 ETAL-EXR10 Datasheet
170Kb / 3P
Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
logo
E-T-A Elektrotechnische...
EXR10 E-T-A-EXR10 Datasheet
260Kb / 3P
Electronic Relay with Extra Functions - EXR10
EXR20 E-T-A-EXR20 Datasheet
251Kb / 2P
EXR20 Special Relay
logo
Keysight Technologies
EXR258A KEYSIGHT-EXR258A Datasheet
3Mb / 39P
Powerful. Easy to Own. Intuitive to Use.
2020
More results

Similar Description - EXR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP100070100A ETC2-FXP100070100A Datasheet
740Kb / 9P
Flexible WiMAX antenna
logo
Laird Tech Smart Techno...
B1442N LSTD-B1442N Datasheet
572Kb / 2P
High performance mobile antenna
B1443 LSTD-B1443 Datasheet
542Kb / 2P
High performance mobile antenna
WXR LSTD-WXR Datasheet
1Mb / 1P
Injection molded high performance flexible cable antenna
logo
Taoglas antenna solutio...
MA602.A.ABJ.002 TAOGLAS-MA602.A.ABJ.002 Datasheet
1Mb / 18P
High performance outdoor antenna
logo
Laird Tech Smart Techno...
EXE LSTD-EXE Datasheet
734Kb / 1P
Injection molded 쩌 wave helical antenna
logo
Taoglas antenna solutio...
STS.01.A.0115FB TAOGLAS-STS.01.A.0115FB Datasheet
387Kb / 6P
High Performance outdoor antenna
logo
API Technologies Corp
1430 APITECH-1430 Datasheet
510Kb / 1P
Rugged injection molded connector
1431 APITECH-1431 Datasheet
512Kb / 1P
Rugged injection molded connector
1475 APITECH-1475 Datasheet
488Kb / 1P
Quality injection molded connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com