Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TB5R2LD Datasheet(PDF) 1 Page - Texas Instruments

Part # TB5R2LD
Description  QUAD DIFFERENTIAL PECL RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R2LD Datasheet(HTML) 1 Page - Texas Instruments

  TB5R2LD Datasheet HTML 1Page - Texas Instruments TB5R2LD Datasheet HTML 2Page - Texas Instruments TB5R2LD Datasheet HTML 3Page - Texas Instruments TB5R2LD Datasheet HTML 4Page - Texas Instruments TB5R2LD Datasheet HTML 5Page - Texas Instruments TB5R2LD Datasheet HTML 6Page - Texas Instruments TB5R2LD Datasheet HTML 7Page - Texas Instruments TB5R2LD Datasheet HTML 8Page - Texas Instruments TB5R2LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
PIN ASSIGNMENTS
AI
AO
BO
CO
DO
AI
AI
BI
BI
C1
C1
D1
D1
D1
E2
E1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AI
AI
AO
E1
BO
BI
BI
GND
VCC
DI
DI
DO
E2
CO
CI
CI
D PACKAGE
(TOP VIEW)
ENABLE TRUTH TABLE
TB5R1, TB5R2
SLLS588B – NOVEMBER 2003 – REVISED MAY 2004
QUAD DIFFERENTIAL PECL RECEIVERS
•
Functional Replacements for the Agere
These quad differential receivers accept digital data
BRF1A, BRF2A, BRS2A, and BRS2B
over balanced transmission lines. They translate
differential input logic levels to TTL output logic
•
Pin Equivalent to General Trade 26LS32
levels.
•
High Input Impedance Approximately 8 k
Ω
The TB5R1 is a pin- and function-compatible replace-
•
4-ns Maximum Propagation Delay
ment for the Agere systems BRF1A and BRF2A; it
•
TB5R1 Provides 50-mV Hysteresis
includes 3-kV HBM and 2-kV CDM ESD protection.
•
TB5R2 With -125-mV Threshold Offset for
The TB5R2 is a pin- and function-compatible replace-
Preferred State Output
ment for the Agere systems BRS2A and BRS2B and
•
-1.1-V to 7.1-V Common Mode Range
incorporates a 125-mV receiver input offset, preferred
state output, 3-kV HBM and 2-kV CDM ESD protec-
•
Single 5-V
±10% Supply
tion. The TB5R2 preferred state feature places the
•
Slew Rate Limited (1 ns min 80% to 20%)
high state when the inputs are open, shorted to
•
TB5R2 Output Defaults to Logic 1 When In-
ground, or shorted to the power supply.
puts Left Open or Shorted to VCC or GND
The power-down loading characteristics of the re-
•
ESD Protection HBM > 3 kV, CDM > 2 kV
ceiver input circuit are approximately 8 k
Ω relative to
•
Operating Temperature Range: -40
°C to 85°C
the power supplies; hence they do not load the
transmission line when the circuit is powered down.
•
Available in Gull-Wing SOIC (JEDEC MS-013,
DW) and SOIC (D) Package
The packaging for these differential line receivers
include a 16-pin gull wing SOIC (DW) and SOIC (D).
The enable inputs of this device include internal
•
Digital Data or Clock Transmission Over Bal-
pullup resistors of approximately 40 k
Ω that are
anced Lines
connected to VCC to ensure a logical high level input
if the inputs are open circuited.
FUNCTIONAL BLOCK DIAGRAM
E1
E2
CONDITION
0
0
Active
1
0
Active
0
1
Disabled
1
1
Active
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TB5R2LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R2LDWR TI1-TB5R2LDWR Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R2LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
Quad Differential Receivers
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
Quad Differential Receivers
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
Texas Instruments
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
QUAD DIFFERENTIAL PECL RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com