Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14CA8-R45I Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # STK14CA8-R45I
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-R45I Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button STK14CA8-R45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 12Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 13Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 14Page - List of Unclassifed Manufacturers STK14CA8-R45I Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
15
Document Revision History
Revision
Date
Summary
0.0
January 2003
Publish new datasheet
0.1
May 2003
Add 48 pin SSOP, Modify AutoStore drawing (Figure 2), Update Mode
Selection Table and Absolute Maximum Ratings, Added G control software
store
0.2
September
2003
Added lead-free lead finish
1.0
December
2004
Parameter
Old Value
New Value
Notes
Vcap Min
10µF
17 µF
tVCCRISE
NA
150 µs
New Spec
ICC1 Max Com.
35 mA
50 mA
@ 45ns access
ICC1 Max Com.
40 mA
55 mA
@ 35ns access
ICC1 Max Com.
50 mA
65 mA
@ 25ns access
ICC1 Max Ind.
35 mA
55 mA
@ 45ns access
ICC1 Max Ind.
45 mA
60 mA
@ 35ns access
ICC1 Max Ind.
55 mA
70 mA
@ 25ns access
ICC2 Max
1.5 mA
3.0 mA
Com. & Ind.
ICC4 Max
0.5 mA
3 mA
Com & Ind.
tHRECALL
5 ms
20 ms
tSTORE
10 ms
12.5 ms
tRECALL
20µs
40µs
tGLQV
10ns
12ns
25 ns device
SIMTEK STK14CA8 Data Sheet, December 2004
Copyright 2004, Simtek Corporation. All rights reserved.
This datasheet may only be printed for the express use of Simtek Customers. No part of this datasheet may be reproduced in any other form or
means without express written permission from Simtek Corporation. The information contained in this publication is believed to be accurate, but
changes may be made without notice. Simtek does not assume responsibility for, or grant or imply any warranty, including MERCHANTABILITY
or FITNESS FOR A PARTICULAR PURPOSE regarding this information, the product or its use. Nothing herein constitutes a license, grant or
transfer of any rights to any Simtek patent, copyright, trademark or other proprietary right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com