Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6492 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6492
Description  CMOS Rail-to-Rail Input and Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6492 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC6492 Datasheet HTML 9Page - National Semiconductor (TI) LMC6492 Datasheet HTML 10Page - National Semiconductor (TI) LMC6492 Datasheet HTML 11Page - National Semiconductor (TI) LMC6492 Datasheet HTML 12Page - National Semiconductor (TI) LMC6492 Datasheet HTML 13Page - National Semiconductor (TI) LMC6492 Datasheet HTML 14Page - National Semiconductor (TI) LMC6492 Datasheet HTML 15Page - National Semiconductor (TI) LMC6492 Datasheet HTML 16Page - National Semiconductor (TI) LMC6492 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Notes (Continued)
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an in-
sulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board con-
struction, but the advantages are sometimes well worth the
effort of using point-to-point up-in-the-air wiring. See
Figure
8.
Application Circuits
DS012049-13
FIGURE 6. Examples of Guard
Ring in PC Board Layout
DS012049-14
Inverting Amplifier
DS012049-15
Non-Inverting Amplifier
DS012049-16
Follower
FIGURE 7. Typical Connections of Guard Rings
DS012049-17
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board).
FIGURE 8. Air Wiring
DC Summing Amplifier (V
IN ≥ 0VDC and VO ≥ VDC
DS012049-18
Where: V0 = V1 +V2 −V3 –V4
(V1 +V2 ≥ (V3 +V4) to keep V0 > 0VDC
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com