Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6170FSTSN Datasheet(PDF) 2 Page - MTRONPTI

Part # M6170FSTSN
Description  3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave Precision TCXO/TCVCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M6170FSTSN Datasheet(HTML) 2 Page - MTRONPTI

  M6170FSTSN Datasheet HTML 1Page - MTRONPTI M6170FSTSN Datasheet HTML 2Page - MTRONPTI M6170FSTSN Datasheet HTML 3Page - MTRONPTI M6170FSTSN Datasheet HTML 4Page - MTRONPTI M6170FSTSN Datasheet HTML 5Page - MTRONPTI M6170FSTSN Datasheet HTML 6Page - MTRONPTI M6170FSTSN Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
2
M617x Series Stratum 3
3.2 x 5.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave
Precision TCXO/TCVCXO
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
Performance Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions/Notes
Frequency Range
FR
8
52
MHz
Operating Temperature
TA
°C
Storage Temperature
TSTG
-55
+125
°C
Frequency Tolerance @ +25 °C
∆
F/F
-1.0
+1.0
ppm
For TCXO only
Frequency Stability
∆
FT/F
-0.30
+0.30
ppm
Stability vs. Temperature (FMIN-FMAX)/2
-4.6
+4.6
ppm
Overall stability for 10 years
-0.34
+0.34
ppm
Holdover stability for 24 hrs over operating
temperature
Stability vs. Reflow
-1.0
+1.0
ppm
Frequency vs. Supply
∆
FVDD/F
±0.02
±0.1
ppm
For ±5% supply voltage variation
Frequency vs. Load
∆
FLOAD/F
±0.02
±0.1
ppm
For ±5% load variation
Aging (First Year)
-1.0
+1.0
ppm
F0 ≤ 20 MHz
Aging (First Year)
-2.0
+2.0
ppm
F0 > 20 MHz
Aging (10 Year)
-3.0
+3.0
ppm
F0 ≤ 20 MHz (includes first year)
Aging (10 Year)
-5.0
+5.0
ppm
F0 > 20 MHz (includes first year
Supply Voltage
VDD
V
±5% voltage tolerance
Supply Current
IDD
2.0
3.0
mA
HCMOS output at 13 MHz
(Reference to VDD = 3.3 V)
3.0
4.0
mA
HCMOS output at 26 MHz
5.5
6.5
mA
HCMOS output at 52 MHz
1.3
1.9
mA
Clipped Sine Wave output at 13 MHz
1.7
2.3
mA
Clipped Sine Wave output at 26 MHz
2.8
3.5
mA
Clipped Sine Wave output at 52 MHz
Output Logic Levels
VOL
20
% VDD IOH/IOL = ±4 mA, VDD = +3.0 V
(HCMOS)
VOH
80
% VDD IOH/IOL = ±4 mA, VDD = +3.0 V
Output Level
VOUT
1.0
Vpk-pk
F0 ≤ 40 MHz
(Clipped Sine Wave)
VOUT
0.8
Vpk-pk
F0 > 40 MHz
Symmetry (Duty Cycle)
tDC
40
50
60
%
Ref. to ½ VDD HCMOS Only
Rise/Fall Time
tR/tF
6.5
ns
Ref. 10% to 90% HCMOS only
Output Load
HCMOS Output
Clipped Sine Wave Output
Frequency Adjustment
-10
+10
ppm
Over Control Voltage Range
Control Voltage Range
0.3
1.50
2.7
V
For VDD = 3.0 V
0.3
1.65
3.0
V
For VDD = 3.3 V
0.5
2.50
4.5
V
For VDD = 5.0 V
Input Leakage Current
-50
+50
µA
Input Resistance
100
kΩ
Linearity
5
%
Modulation Bandwidth
2 kHz
Tristate Function
70
% VDD Output enabled. Logic “1” or “Open”
30
% VDD Output disabled. Logic “0” or “GND”
Tristate Leakage Current
-100
+100
µA
Phase Noise
-102
dBc/Hz @ 10 Hz Offset
(Typical 12.8 MHz HCMOS)
-129
dBc/Hz @ 100 Hz Offset
-149
dBc/Hz @ 1 kHz Offset
-155
dBc/Hz @ 10 kHz Offset
-156
dBc/Hz @ 100 kHz Offset
Shock
Vibration
Solderability
Package
Max Soldering Conditions
(See Ordering Information)
15 pF
10 kΩ || 10 pF
(See Ordering Information)
MIL-STD-202, Method 213, Condition C (100 g)
MIL-STD-202, Methods 201 & 204 (10 g from 10 Hz to 2000 Hz)
EIAJ-STD-002
3.2 mm x 5.0 mm x 1.58 mm, SMT (RoHS Compliant)
See solder profile



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com