Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4304 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4304
Description  Wideband Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4304 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4304 Datasheet HTML 17Page - Texas Instruments THS4304 Datasheet HTML 18Page - Texas Instruments THS4304 Datasheet HTML 19Page - Texas Instruments THS4304 Datasheet HTML 20Page - Texas Instruments THS4304 Datasheet HTML 21Page - Texas Instruments THS4304 Datasheet HTML 22Page - Texas Instruments THS4304 Datasheet HTML 23Page - Texas Instruments THS4304 Datasheet HTML 24Page - Texas Instruments THS4304 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
NON-INVERTING SINGLE-SUPPLY OPERATION
1
2
4
3
5
+VS
FB2
−VS
+VS
GND
GND
J3
J4
J6
J5
GND
TP1
C2
3.3 mF
C4
0.1 mF
NC
C8
R8
249 W
249 W
R7
+VS
U1
J1
C7
R10
0
0
R1
49.9 W
THS4304DBV
R2
49.9 W
C9
0
J2
VREF
R3
10 kW
10 kW
R6
+VS
0.1 mF
C5
0
VREF
3
4
1
5
2
+
−
DIFFERENTIAL ADC DRIVE AMPLIFIER
THS4304
SLOS436A – MARCH 2004 – REVISED JULY 2004
The THS4304 EVM can easily be configured for single 5-V supply operation, as shown in the following
schematic, with no change in performance. This circuit passes dc signals at the input, so care must be taken to
reference (or bias) the input signal to mid-supply.
If dc operation is not required, the amplifier can be ac coupled by inserting a capacitor in series with the input
(C7) and output (C9).
Figure 54. Non-Inverting 5-V Single-Supply Amplifier
The circuit shown in Figure 54 is adapted as shown in Figure 55 to provide a high-performance differential
amplifier drive circuit for use with high-performance ADCs, like the ADS5500 (14-bit 125-MSP ADC). For testing
purposes, the circuit uses a transformer to convert the signal from a single-ended source to differential. If the
input signal source in your application is differential and biased to mid-rail, no transformer is required.
The circuit employs two amplifiers to provide a differential signal path to the ADS5500. A resistor divider (two
10-k
Ω resistors) is used to obtain a mid-supply reference voltage of 2.5 V (VREF) (the same as shown in the
single-supply circuit of Figure 54). Applying this voltage to the one side of RG and to the positive input of the
operational amplifier (via the center-tap of the transformer) sets the input and output common-mode voltage of
the operational amplifiers to mid-rail to optimize their performance. The ADS5500 requires an input
common-mode voltage of 1.5 V. Due to the mismatch in required common-mode voltage, the signal is ac coupled
from the amplifier output, via the two 1-nF capacitors, to the input of the ADC. The CM voltage of the ADS5500 is
used to bias the ADC input to the required voltage, via the 1-k
Ω resistors. Note: 100-µA common-mode current is
drawn by the ADS5500 input stage (at 125 MSPS). This causes a 100-mV shift in the input common-mode
voltage, which does not impact the performance when driving the input to –1 dB of full scale. To offset this effect,
a voltage divider from the power supply can be used to derive the input common-mode voltage reference.
Because the operational amplifiers are configured as non-inverting, the inputs are high impedance. This is
particularly useful when interfacing to a high-impedance source. In this situation, the amplifiers provide
impedance matching and amplification of the signal.
The SFDR performance of the circuit is shown in the following graph (see Figure 56) and provides for full
performance from the ADS5500 to 40 MHz.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com