Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4271-2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4271-2
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4271-2 Datasheet HTML 7Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 13Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 14Page - Infineon Technologies AG TLE4271-2 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
11
2001-04-04
Application Description
The IC regulates an input voltage in the range of 6 V <
V
I < 40 V to VQnom = 5.0 V. Up to
26 V it produces a regulated output current of more than 550 mA. Above 26 V the save-
operating-area protection allows operation up to 36 V with a regulated output current of
more than 300 mA. Overvoltage protection limits operation at 42 V. The overvoltage
protection hysteresis restores operation if the input voltage has dropped below 36 V. The
IC can be switched off via the inhibit input, which causes the quiescent current to drop
below 50
µA. A reset signal is generated for an output voltage of V
Q <4.5 V. The
watchdog circuit monitors a connected controller. If there is no positive-going edge at the
watchdog input within a fixed time, the reset output is set to low. The delay for power-on
reset and the maximum permitted watchdog-pulse period can be set externally with a
capacitor.
Design Notes for External Components
An input capacitor
C
I is necessary for compensation of line influences. The resonant
circuit consisting of lead inductance and input capacitance can be damped by a resistor
of approx. 1
Ω in series with C
I. An output capacitor CQ is necessary for the stability of
the regulating circuit. Stability is guaranteed at values of
C
Q ≥ 22 µF and an ESR of
<3
Ω.
Reset Circuitry
If the output voltage decreases below 4.5 V, an external capacitor
CD on pin D will be
discharged by the reset generator. If the voltage on this capacitor drops below
VDRL, a
reset signal is generated on pin RO, i.e. reset output is set low. If the output voltage rises
above the reset threshold,
CD will be charged with constant current. After the power-on-
reset time the voltage on the capacitor reaches
VDU and the reset output will be set high
again. The value of the power-on-reset time can be set within a wide range depending
of the capacitance of
CD.
Reset Timing
The power-on reset delay time is defined by the charging time of an external capacitor
Cd which can be calculated as follows:
tD = CD∗∆V/ID
Definitions:
CD = delay capacitor
tD = reset delay time
ID = charge current, typical 14 µA
∆V = V
UD, typical 1.8 V
VUD = upper delay timing threshold at CD for reset delay time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com