Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA4411 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4411
Description  80-mW CAPLESS STEREO HEADPHONE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4411 Datasheet(HTML) 1 Page - Texas Instruments

  TPA4411 Datasheet HTML 1Page - Texas Instruments TPA4411 Datasheet HTML 2Page - Texas Instruments TPA4411 Datasheet HTML 3Page - Texas Instruments TPA4411 Datasheet HTML 4Page - Texas Instruments TPA4411 Datasheet HTML 5Page - Texas Instruments TPA4411 Datasheet HTML 6Page - Texas Instruments TPA4411 Datasheet HTML 7Page - Texas Instruments TPA4411 Datasheet HTML 8Page - Texas Instruments TPA4411 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
Shutdown
Control
SVDD
PVDD
C1P
C1N
SVSS
PVSS
OUTR
OUTL
SDR
INL
INR
SDL
1.8 − 4.5 V
TPA4411
TPA2012D2
TLV320AIC26
or
TLV320AIC28
HPL
or
SPK1
HPR
or
SPK2
PGND
SGND
TPA4411
SLOS430 – AUGUST 2004
80-mW CAPLESS STEREO HEADPHONE DRIVER
•
Ground-Referenced Outputs Eliminate
•
Notebook Computers
DC-Bias Voltages on Headphone Ground Pin
•
CD / MP3 Players
– No Output DC-Blocking Capacitors
•
Smart Phones
• Reduced Board Area
•
Cellular Phones
• Reduced Component Cost
•
PDAs
• Improved THD+N Performance
•
No Degradation of Low-Frequency
Response Due to Output Capacitors
The TPA4411 is a stereo headphone driver designed
•
Wide Power Supply Range: 1.8 V to 4.5 V
to allow the removal of the output dc-blocking capaci-
•
80-mW/Ch Output Power into 16-
Ω at 4.5 V
tors for reduced component count and cost. The
TPA4411 is ideal for small portable electronics where
•
Independent Right and Left Channel
size and cost are critical design parameters.
Shutdown Control
•
Short-Circuit and Thermal Protection
The TPA4411 is capable of driving 80 mW into a
16-
Ω load at 4.5 V. The TPA4411 has a fixed gain of
•
Pop Reduction Circuitry
-1.5 V/V and headphone outputs have
±8-kV IEC
•
Space Saving Pb-Free Packages
ESD protection. The TPA4411 has independent shut-
– 20-pin, 4 mm
× 4 mm ThinQFN
down control for the right and left audio channels.
– 16-ball, 2 mm
× 2 mm WCSP
The TPA4411 is available in a 20-pin, 4 mm
× 4 mm
(Product Preview)
ThinQFN package.
.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 2004, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - TPA4411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
1Mb / 33P
80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411M TI-TPA4411M Datasheet
1Mb / 33P
80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411M TAOS-TPA4411M Datasheet
1Mb / 30P
80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411MRTJ TI-TPA4411MRTJ Datasheet
1Mb / 33P
80-mW DIRECTPATH STEREO HEADPHONE DRIVER
More results

Similar Description - TPA4411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Synaptics Incorporated.
CX20672 CONEXANT-CX20672 Datasheet
672Kb / 2P
Capless headphone eliminates BOM
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4912-UTLS2-TR ISSI-IS31AP4912-UTLS2-TR Datasheet
285Kb / 11P
STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com