Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2384 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2384
Description  QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2384 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2384 Datasheet HTML 1Page - Texas Instruments TPS2384 Datasheet HTML 2Page - Texas Instruments TPS2384 Datasheet HTML 3Page - Texas Instruments TPS2384 Datasheet HTML 4Page - Texas Instruments TPS2384 Datasheet HTML 5Page - Texas Instruments TPS2384 Datasheet HTML 6Page - Texas Instruments TPS2384 Datasheet HTML 7Page - Texas Instruments TPS2384 Datasheet HTML 8Page - Texas Instruments TPS2384 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TPS2384
SLUS634A − NOVEMBER 2004 − REVISED DECEMBER 2004
QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER
MANAGER
1
www.ti.com
FEATURES
D Quad-Port Power Management With
Integrated Switches and Sense Resistors
D Compliant to IEEE 802.3af Standard
D Operates from a Single 48-V Input Supply
D Individual Port 15-bit A/D
D Auto, Semi-Auto and Manual Operating Modes
D Controlled Current Ramps for Reduced EMI
and Charging of PD’s Bulk Capacitance
D I2C Clock and Oscillator Watch Dog Timers
D Over-Temperature Protection
D DC and DC Modulated Disconnect
D Supports Legacy Detection for Non-Compliant
PD
D Supports AC Disconnect
D High-Speed 400-kHz I2C Interface
D Comprehensive Power Management Software
Available
D Operating Temperature Range −40°C to 125°C
TYPICAL APPLICATION
APPLICATIONS
D Ethernet Enterprise Switches
D Ethernet Hubs
D SOHO Hubs
D Ethernet Mid-Spans
D PSE Injectors
DESCRIPTION
The TPS2384 is a quad-port power sourcing equipment
power manager (PSEPM) and is compliant to the
Power-over-Ethernet (PoE) IEEE 802.3af standard.
The TPS2384 operates from a single 48-V supply and
over a wide temperature range (−40
°C to +125°C). The
integrated output eliminates 2 external components per
port (FET and sense resistor) and will survive 100-V
transient. Four individual 15-bit A/D converters are used
to measure port voltage, current and die temperature
making PSE solution simple and robust. The TPS2384
comes with a comprehensive software solution to meet
the most demanding application which can serve as a
core for all PoE system designs.
Rx
Tx
Rx
Tx
Signal Pair
Signal Pair
Spare Pair
Spare Pair
P
N
+48V
Return
Optional
MSP430
Micro−
Controller
Ret
SCL
SDA−I
SDA−O
VEE
ILIM
CLASS
DET
VDD
T
P
S
2
3
7
5
T
P
S
2
3
8
4
( )
DC/DC
Converte
PG
RTN
Up to 100m
of CAT 5
+48V
RJ45
RJ45
4
5
4
5
3
6
3
6
1
2
1
2
3
6
3
6
Switch/HUB
Powered DTR
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS2384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841 Datasheet
1Mb / 52P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI1-TPS23841 Datasheet
1Mb / 49P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1,014Kb / 45P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1Mb / 52P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Similar Description - TPS2384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI-TPS23841 Datasheet
1,014Kb / 45P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841_07 Datasheet
1Mb / 52P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
Texas Instruments
TPS2384 TI1-TPS2384_13 Datasheet
1Mb / 51P
QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS23841 TI1-TPS23841_16 Datasheet
1Mb / 49P
HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
logo
Infineon Technologies A...
IRFHM3911TRPBF INFINEON-IRFHM3911TRPBF Datasheet
583Kb / 10P
POE Power Sourcing Equipment Switch
2016-2-23
logo
Silver Telecom 2019
AG6100 SILVERTEL-AG6100 Datasheet
571Kb / 13P
POE Power-Sourcing-Equipment Module
AG6400 SILVERTEL-AG6400 Datasheet
769Kb / 40P
POE Power-Sourcing-Equipment Module
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
Octal Power Sourcing Equipment Controller
October 5, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com