Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR120LSF Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR120LSF
Description  Surface Mount Schottky Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR120LSF Datasheet(HTML) 4 Page - ON Semiconductor

  MBR120LSF Datasheet HTML 1Page - ON Semiconductor MBR120LSF Datasheet HTML 2Page - ON Semiconductor MBR120LSF Datasheet HTML 3Page - ON Semiconductor MBR120LSF Datasheet HTML 4Page - ON Semiconductor MBR120LSF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBR120LSF, NRVB120LSF
http://onsemi.com
4
12
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
6.0
2.0
4.0
8.0
10
TJ = 25°C
20
14
16
18
Figure 7. Capacitance
12
0
VR, DC REVERSE VOLTAGE (VOLTS)
125
100
65
6.0
2.0
4.0
8.0
10
20
14
16
18
Figure 8. Typical Operating Temperature
Derating*
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any re-
verse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating
TJ may be calculated from the equation:
TJ = TJmax − r(t)(Pf + Pr) where
r(t) = thermal impedance under given conditions,
Pf = forward power dissipation, and
Pr = reverse power dissipation
This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as TJ = TJmax − r(t)Pr,
where r(t) = Rthja. For other power applications further calculations must be performed.
70
75
80
85
90
95
105
110
115
120
RqJA = 25.6°C/W
400
°C/W
324.9
°C/W
235
°C/W
130
°C/W
Figure 9. Thermal Response
1000
0.1
0.00001
t1, TIME (sec)
1000
1
0.0001
0.001
0.01
1
10
100
0.000001
0.1
10
100
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
qJA = 321.8 °C/W
Test Type > Min Pad < Die Size 38x38 @ 75% mils
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com