Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6582 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6582
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6582 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC6582 Datasheet HTML 9Page - National Semiconductor (TI) LMC6582 Datasheet HTML 10Page - National Semiconductor (TI) LMC6582 Datasheet HTML 11Page - National Semiconductor (TI) LMC6582 Datasheet HTML 12Page - National Semiconductor (TI) LMC6582 Datasheet HTML 13Page - National Semiconductor (TI) LMC6582 Datasheet HTML 14Page - National Semiconductor (TI) LMC6582 Datasheet HTML 15Page - National Semiconductor (TI) LMC6582 Datasheet HTML 16Page - National Semiconductor (TI) LMC6582 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
5.0 Printed-Circuit-Board Layout
for High-Impedance Work (Continued)
The designer should be aware that when it is inappropriate
to lay out a PC board for the sake of just a few circuits, there
is another technique which is even better than a guard ring
on a PC board: Don’t insert the amplifier’s input pin into the
board at all, but bend it up in the air and use only air as an in-
sulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board con-
struction, but the advantages are sometimes well worth the
effort of using point-to-point up-in-the-air wiring. See
Figure
13.
6.0 Compensating for Input
Capacitance
It is quite common to use large values of feedback resis-
tance with amplifiers that have ultra-low input current, like
the LMC6582/4. Large feedback resistors can react with
small values of input capacitance due to transducers, photo-
diodes, and circuits board parasitics to reduce phase
margins.
The effect of input capacitance can be compensated for by
adding a feedback capacitor. The feedback capacitor (as in
Figure 14), C
F, is first estimated by:
or
R
1C
IN ≤ R2CF
which typically provides significant overcompensation.
Printed circuit board stray capacitance may be larger or
smaller than that of a breadboard, so the actual optimum
value for C
F may be different. The values of CF should be
checked on the actual circuit. (Refer to the LMC660 quad
CMOS amplifier data sheet for a more detailed discussion.)
7.0 Spice Macromodel
A Spice Macromodel is available for the LMC6582/4. The
model includes a simulation of:
•
Input common-mode voltage range
•
Frequency and transient response
•
GBW dependence on loading conditions
•
Quiescent and dynamic supply current
•
Output swing dependence on loading conditions
and many more characteristics as listed on the macromodel
disk.
Contact the National Semiconductor Customer Response
Center at 1-800-272-9959 to obtain an operational amplifier
spice model library disk.
DS012041-15
Inverting Amplifier
DS012041-16
Non-Inverting Amplifier
DS012041-17
Follower
FIGURE 12. Typical Connections of Guard Rings
DS012041-18
FIGURE 13. Air Wiring
DS012041-13
FIGURE 14. Canceling the Effect of Input Capacitance
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com