Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH8P50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH8P50
Description  Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH8P50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH8P50 Datasheet HTML 1Page - IXYS Corporation IXTH8P50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
-500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
-500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
7P50
-7
A
8P50
-8
A
I
DM
T
C
= 25
°C, pulse width limited by T
J
7P50
-28
A
8P50
-32
A
I
AR
T
C
= 25
°C
7P50
-7
A
8P50
-8
A
E
AR
T
C
= 25
°C30
mJ
P
D
T
C
= 25
°C
180
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6g
TO-247 AD
G = Gate,
D = Drain,
S = Source,
TAB = Drain
D (TAB)
Standard Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
94534E (6/01)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = -250 µA
-500
V
BV
DSS Temperature Coefficient
0.054
%/K
V
GS(th)
V
DS = VGS, ID = -250 µA
-3.0
-5.0
V
V
GS(th) Temperature Coefficient
-0.122
%/K
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8
V
DSS
T
J =
25
°C
-200
µA
V
GS = 0 V
T
J = 125 ° C-1
mA
R
DS(on)
V
GS = -10 V, ID = 0.5
I
D25
7P50
1.5
Ω
8P50
1.2
Ω
R
DS(on) Temperature Coefficient
0.6
%/K
Features
•Internationalstandardpackage
JEDEC TO-247 AD
•Low R
DS (on) HDMOS
TM process
•Ruggedpolysilicongatecellstructure
•UnclampedInductiveSwitching(UIS)
rated
•Lowpackageinductance(<5nH)
- easy to drive and to protect
Applications
• Highsideswitching
• Push-pullamplifiers
• DC choppers
• Automatictestequipment
Advantages
• Easytomountwith1screw
(isolated mounting screw hole)
• Space savings
• High power density
V
DSS
I
D25 RDS(on)
IXTH 7P50
-500V -7 A 1.5
Ω
IXTH 8P50
-500V -8 A 1.2
Ω


Similar Part No. - IXTH8P50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH80N075L2 IXYS-IXTH80N075L2 Datasheet
174Kb / 6P
N-Channel Enhancement Mode Guaranteed FBSOA Avalanche Rated
logo
Inchange Semiconductor ...
IXTH80N075L2 ISC-IXTH80N075L2 Datasheet
383Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTH80N20L IXYS-IXTH80N20L Datasheet
131Kb / 5P
N-Channel Enhancement Mode
logo
Inchange Semiconductor ...
IXTH80N20L ISC-IXTH80N20L Datasheet
383Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTH80N65X2 IXYS-IXTH80N65X2 Datasheet
154Kb / 5P
Preliminary Technical Information
More results

Similar Description - IXTH8P50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH10P50 IXYS-IXTH10P50 Datasheet
123Kb / 2P
Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTA76P10T IXYS-IXTA76P10T Datasheet
222Kb / 2P
P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTQ52P10P IXYS-IXTQ52P10P Datasheet
187Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTQ14N60P IXYS-IXTQ14N60P Datasheet
166Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTT20P50P IXYS-IXTT20P50P Datasheet
134Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTH48P20P IXYS-IXTH48P20P Datasheet
138Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTN90P20P IXYS-IXTN90P20P Datasheet
126Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com