Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTM12N45 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTM12N45
Description  12 AMPS, 450-500V, 0.4OM/0.5OM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTM12N45 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTM12N45 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - IXTM12N45

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTM12N100 IXYS-IXTM12N100 Datasheet
106Kb / 4P
MegaMOS FET
IXTM12N50A IXYS-IXTM12N50A Datasheet
97Kb / 4P
Standard Power MOSFET
IXTM12N90 IXYS-IXTM12N90 Datasheet
102Kb / 4P
MegaMOS FET
logo
Inchange Semiconductor ...
IXTM12N90 ISC-IXTM12N90 Datasheet
302Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTM12N45

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF440-443 FAIRCHILD-IRF440-443 Datasheet
150Kb / 5P
N-Channel Power MOSFETs, 8A, 450 V/500V
logo
Nihon Inter Electronics...
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
MOSFET MODULE Dual 30A 450/500V
logo
IXYS Corporation
IXTP4N45 IXYS-IXTP4N45 Datasheet
72Kb / 1P
4 AMPS 450-500 V, 1.5-ohm / 2.0-ohm
logo
Nihon Inter Electronics...
PD4M440H NIEC-PD4M440H_1 Datasheet
117Kb / 3P
MOSFET 30A 450~500V
PD4M440L NIEC-PD4M440L_1 Datasheet
119Kb / 3P
30A 450~500V
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
50A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
50A 450~500V
PD10M440H NIEC-PD10M440H_1 Datasheet
123Kb / 3P
85A 450~500V
PD10M440L NIEC-PD10M440L_1 Datasheet
117Kb / 3P
70A 450~500V
logo
ON Semiconductor
NGD18N45CLB ONSEMI-NGD18N45CLB Datasheet
105Kb / 8P
Ignition IGBT 18 Amps, 450 Volts N−Channel DPAK
June, 2016 - Rev. 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com