Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F353LPF Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB95F353LPF
Description  8-bit Microcontrollers MB95350L Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F353LPF Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB95F353LPF Datasheet HTML 1Page - fujitsu semiconductor MB95F353LPF Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MB95350L Series
PRELIMINARY
NP07-12631-1E
May, 2010
2/2
Copyright©2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
■ BLOCK DIAGRAM
■ SUPPORT TOOL
 HARDWARE
Name
Part Number
Remarks
BGM adapter
MB2146-08-E
F2MC-8FX MB95200 series in common
PC cable
USB cable
Attached to MB2146-08-E, 1.0m
Evaluation board
MB2146-460-E
-
 SOFTWARE
Software
Part Number
Operating System
SOFTUNE V3 Professional Pack
SP36503Z008-P01
Windows2000/XP/Vista
 FLASH MICROCONTROLLER PROGRAMMER
Name
Remarks
Parallel programmer
Made by Flash Support Group, etc. (Under contemplation)
Serial on board programmer
FUJITSU FLASH MCU Programmer
Reset with LVD
Flash with security function
F2MC-8FX CPU
RAM (496/240 bytes)
Interrupt controller
Oscillator
circuit
CR
oscillator
Clock control
On-chip debug
Wild register
External interrupt
8/10-bit A/D converter
LIN-UART
8/16-bit composite timer (0)
I2C (0)
8/16-bit composite timer (1)
t
r
o
P
t
r
o
P
PF2/RST*2
PF1/X1*2
PF0/X0*2
PG2/X1A*2
PG1/X0A*2
(P04/HCLK1)
(P05*3/HCLK2)
P02/INT02 to P07/INT07
(P02/SCK)
(P03/SOT)
(P04/SIN)
(P00/AN00 to P05/AN05)
(P12/DBG*1)
(P05*3/TO00)
(P06*3/TO01)
P12*1/EC0, (P04/EC0)
P62*3/TO10
P63*3/TO11
P64/EC1
UART/SIO
PG0/UCK
P16/UO
P17/UI
P14*1/SDA0
P15*1/SCL0
I2C (1)
(P16/SDA1)
(P17/SCL1)
Vcc
Vss
*1:
*2:
*3:
P12, P14 and P15 are N-ch open drain pins.
Software option
P05, P06, P62 and P63 are high-current ports.
Note: Pins in parentheses indicate that functions of those pins are shared among different resources.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com