Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SWC
Description  Compatible with WPC Qi Standard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SWC Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SWC Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wireless Charging Receiver Coil Module
SWC Series
USA: +1.423.308.1690
Europe: +42.0.4885.7511.1
Asia: +86.757.2563.8860
www.lairdtech.com
MCP-DS-WPC RX REV1.4 1114
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application
of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or
products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird
Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2014 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights. Version A01
FEATURES
Compatible with WPC Qi Standard,
Operating temperature -40℃ to +85℃
Assembled with thin and flexible sintered ferrite
sheet
Optimized Q for highest possible charging
efficiency
APPLICATIONS
Mobile phones
Hand-held electronic devices
Battery pack or any devices that need
contactless power
ELECTRICAL PERFORMANCE
PART NUMBER
L (
�������� ) @
100KHz
Q @100KHz
Min
DCR (mΩ)
Max
SWC4242KB120-100
12.5 ± 10%
20
240
1.
Inductance tested at 100KHz,1V
2.
Operating temperature range: -40
℃ ~ +85℃ (Including self-heating)
3.
Storage temperature range (packaging conditions): -10
℃ ~ +40℃ and RH 70%(MAX)
SHAPES AND DIMENSIONS
Unit:mm
PART NUMBER
A
B
C
D
G
SWC4242KB120-100
38.00
±1.00
38.00
±1.00
42 Max
42 Max
0.7 Max
PART NUMBER SYSTEM EXAMPLE
SWC
4242
KB
120
-
100
Coil Type Part Size Code Height Code Inductance Code
Catalog or Custom Information


Similar Part No. - SWC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SWC HAMMOND-SWC Datasheet
57Kb / 1P
Armoire murale a porte pivotante
logo
Eravant
SWC-0608F-R1 ERAVANT-SWC-0608F-R1 Datasheet
380Kb / 3P
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Rev 1.0
SWC-0608M-R1 ERAVANT-SWC-0608M-R1 Datasheet
380Kb / 3P
D-Band Waveguide to 0.8 mm Connector Adapter, Right Angle
Rev 1.0
SWC-081F-E1 ERAVANT-SWC-081F-E1 Datasheet
359Kb / 3P
WR-08 Waveguide to 1.0 mm Connector Adapter, End Launch
Rev 1.2
SWC-081M-E1 ERAVANT-SWC-081M-E1 Datasheet
359Kb / 3P
WR-08 Waveguide to 1.0 mm Connector Adapter, End Launch
Rev 1.2
More results

Similar Description - SWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
Wireless Power Receiver Compliant with WPC
logo
Injoinic Technology Co....
IP6808 INJOINIC-IP6808 Datasheet
1Mb / 18P
7.5W/10W wireless charging transmitter controller compatible with WPC v1.2 .4 protocol
logo
Silver Telecom 2019
AG321T SILVERTEL-AG321T Datasheet
343Kb / 15P
15 Watt Qi compatible Wireless Power Module
logo
Texas Instruments
BQ51013B-Q1 TI-BQ51013B-Q1 Datasheet
5Mb / 49P
BQ51013B-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
SLUSEE3 ??JULY 2021
logo
NXP Semiconductors
NXQ1TXA1 NXP-NXQ1TXA1 Datasheet
599Kb / 21P
Qi-standard conforming charger controller
Rev. 2 ??2 July 2015
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com