Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LINR2 Datasheet(PDF) 45 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 45 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 41Page - fujitsu semiconductor LINR2 Datasheet HTML 42Page - fujitsu semiconductor LINR2 Datasheet HTML 43Page - fujitsu semiconductor LINR2 Datasheet HTML 44Page - fujitsu semiconductor LINR2 Datasheet HTML 45Page - fujitsu semiconductor LINR2 Datasheet HTML 46Page - fujitsu semiconductor LINR2 Datasheet HTML 47Page - fujitsu semiconductor LINR2 Datasheet HTML 48Page - fujitsu semiconductor LINR2 Datasheet HTML 49Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
45
000814H
CAN1 - IF1 Mask 1 Register Low
IF1MSK1L1
IF1MSK11
R/W
000815H
CAN1 - IF1 Mask 1 Register High
IF1MSK1H1
R/W
000816H
CAN1 - IF1 Mask 2 Register Low
IF1MSK2L1
IF1MSK21
R/W
000817H
CAN1 - IF1 Mask 2 Register High
IF1MSK2H1
R/W
000818H
CAN1 - IF1 Arbitration 1 Register Low
IF1ARB1L1
IF1ARB11
R/W
000819H
CAN1 - IF1 Arbitration 1 Register High
IF1ARB1H1
R/W
00081AH
CAN1 - IF1 Arbitration 2 Register Low
IF1ARB2L1
IF1ARB21
R/W
00081BH
CAN1 - IF1 Arbitration 2 Register High
IF1ARB2H1
R/W
00081CH
CAN1 - IF1 Message Control Register Low
IF1MCTRL1
IF1MCTR1
R/W
00081DH
CAN1 - IF1 Message Control Register High
IF1MCTRH1
R/W
00081EH
CAN1 - IF1 Data A1 Low
IF1DTA1L1
IF1DTA11
R/W
00081FH
CAN1 - IF1 Data A1 High
IF1DTA1H1
R/W
000820H
CAN1 - IF1 Data A2 Low
IF1DTA2L1
IF1DTA21
R/W
000821H
CAN1 - IF1 Data A2 High
IF1DTA2H1
R/W
000822H
CAN1 - IF1 Data B1 Low
IF1DTB1L1
IF1DTB11
R/W
000823H
CAN1 - IF1 Data B1 High
IF1DTB1H1
R/W
000824H
CAN1 - IF1 Data B2 Low
IF1DTB2L1
IF1DTB21
R/W
000825H
CAN1 - IF1 Data B2 High
IF1DTB2H1
R/W
000826H-
00083FH
Reserved
-
000840H
CAN1 - IF2 Command request register Low
IF2CREQL1
IF2CREQ1
R/W
000841H
CAN1 - IF2 Command request register High
IF2CREQH1
R/W
000842H
CAN1 - IF2 Command Mask register Low
IF2CMSKL1
IF2CMSK1
R/W
000843H
CAN1 - IF2 Command Mask register High (re-
served)
IF2CMSKH1
R
000844H
CAN1 - IF2 Mask 1 Register Low
IF2MSK1L1
IF2MSK11
R/W
000845H
CAN1 - IF2 Mask 1 Register High
IF2MSK1H1
R/W
000846H
CAN1 - IF2 Mask 2 Register Low
IF2MSK2L1
IF2MSK21
R/W
000847H
CAN1 - IF2 Mask 2 Register High
IF2MSK2H1
R/W
000848H
CAN1 - IF2 Arbitration 1 Register Low
IF2ARB1L1
IF2ARB11
R/W
000849H
CAN1 - IF2 Arbitration 1 Register High
IF2ARB1H1
R/W
I/O map MB96(F)32x (26 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com