Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC662 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC662
Description  CMOS Dual Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC662 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC662 Datasheet HTML 1Page - National Semiconductor (TI) LMC662 Datasheet HTML 2Page - National Semiconductor (TI) LMC662 Datasheet HTML 3Page - National Semiconductor (TI) LMC662 Datasheet HTML 4Page - National Semiconductor (TI) LMC662 Datasheet HTML 5Page - National Semiconductor (TI) LMC662 Datasheet HTML 6Page - National Semiconductor (TI) LMC662 Datasheet HTML 7Page - National Semiconductor (TI) LMC662 Datasheet HTML 8Page - National Semiconductor (TI) LMC662 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Differential Input Voltage
±Supply Voltage
Supply Voltage (V
+ −V−)
16V
Output Short Circuit to V
+
(Note 12)
Output Short Circuit to V
−
(Note 1)
Lead Temperature
(Soldering, 10 sec.)
260˚C
Storage Temp. Range
−65˚C to +150˚C
Voltage at Input/Output Pins
(V
+) +0.3V, (V−) −0.3V
Current at Output Pin
±18 mA
Current at Input Pin
±5mA
Current at Power Supply Pin
35 mA
Power Dissipation
(Note 2)
Junction Temperature
150˚C
ESD Tolerance (Note 8)
1000V
Operating Ratings(Note 3)
Temperature Range
LMC662AMJ/883,
LMC662AMD
−55˚C
≤ T
J ≤ +125˚C
LMC662AI
−40˚C
≤ T
J ≤ +85˚C
LMC662C
0˚C
≤ T
J ≤ +70˚C
LMC662E
−40˚C
≤ T
J ≤ +125˚C
Supply Voltage Range
4.75V to 15.5V
Power Dissipation
(Note 10)
Thermal Resistance (
θ
JA) (Note 11)
8-Pin Ceramic DIP
100˚C/W
8-Pin Molded DIP
101˚C/W
8-Pin SO
165˚C/W
8-Pin Side Brazed Ceramic DIP
100˚C/W
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V,
V
− = 0V, V
CM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
Parameter
Conditions
Typ
(Note 4)
LMC662AMJ/883
LMC662AI
LMC662C
LMC662E
Units
LMC662AMD
Limit
Limit
Limit
Limit
(Notes 4, 9)
(Note 4)
(Note 4)
(Note 4)
Input Offset Voltage
1
3
3
6
6
mV
3.5
3.3
6.3
6.5
max
Input Offset Voltage
1.3
µV/˚C
Average Drift
Input Bias Current
0.002
20
pA
100
4
2
60
max
Input Offset Current
0.001
20
pA
100
2
1
60
max
Input Resistance
>1
Tera
Ω
Common Mode
0V
≤ V
CM ≤ 12.0V
83
70
70
63
63
dB
Rejection Ratio
V
+ = 15V
68
68
62
60
min
Positive Power Supply
5V
≤ V+ ≤ 15V
83
70
70
63
63
dB
Rejection Ratio
V
O = 2.5V
68
68
62
60
min
Negative Power Supply
0V
≤ V− ≤ −10V
94
84
84
74
74
dB
Rejection Ratio
82
83
73
70
min
Input Common-Mode
V
+ = 5V & 15V
−0.4
−0.1
−0.1
−0.1
−0.1
V
Voltage Range
For CMRR
≥ 50 dB
0
000
max
V
+ − 1.9
V
+ − 2.3
V
+ − 2.3
V
+ − 2.3
V
+ − 2.3
V
V
+ − 2.6
V
+ − 2.5
V
+ − 2.4
V
+ − 2.6
min
Large Signal
R
L = 2kΩ (Note 5)
2000
400
440
300
200
V/mV
Voltage Gain
Sourcing
300
400
200
100
min
Sinking
500
180
180
90
90
V/mV
70
120
80
40
min
R
L = 600Ω (Note 5)
1000
200
220
150
100
V/mV
Sourcing
150
200
100
75
min
Sinking
250
100
100
50
50
V/mV
35
60
40
20
min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com