Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC3SH21YIPC Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC3SH21YIPC
Description  Zero cross type DIP 4pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SH21YIPC Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC3SH21YIPC Datasheet HTML 2Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 3Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 4Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 5Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 6Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 7Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 8Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 9Page - Sharp Corporation PC3SH21YIPC Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
PC3SH21YFZ Series
0
10
20
30
40
50
60
70
−30
10
50
100
Ambient temperature Ta (˚C)
Fig.1 Forward Current vs.
Ambient Temperature
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Sheet No.: D2-A07301EN
0
25
50
75
100
125
150
175
Ambient temperature Ta (˚C)
−30
10
50
100
Fig.4 Minimum Trigger Current vs.
Ambient Temperature
Fig.3 Forward Current vs. Forward Voltage
0
1
2
3
4
6
5
7
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=4V
RL
=100Ω
1
5
10
0.9
1.1
1
1.2
1.3
1.4
1.5
50
100
Forward voltage VF (V)
Ta=75˚C
50˚C
25˚C
0˚C
−25˚C
Fig.5 Relative Repetitive Peak OFF-state
Voltage vs. Ambient Temperature
0.7
1.3
1.2
1.1
1
0.9
0.8
−40
−20
0
20
40
60
80
100
Ambient temperature Ta (
°C)
Fig.6 ON-state Voltage vs.
Ambient Temperature
1
1.5
2
2.5
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
IT
=0.1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com