Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4SF11YVZB Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC4SF11YVZB
Description  Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4SF11YVZB Datasheet(HTML) 5 Page - Sharp Corporation

  PC4SF11YVZB Datasheet HTML 1Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 2Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 3Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 4Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 5Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 6Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 7Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 8Page - Sharp Corporation PC4SF11YVZB Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
-
-
MAX.7
MAX.10
Sleeve
50pcs/sleeve
PC4SF11YTZBF
Approved
SMT Gullwing
-
-
PC4SF11YXZBF
Approved
Wide Through-Hole
-
-
PC4SF11YVZBF
-
PC4SF11YTZAF
-
PC4SF11YXZAF
-
PC4SF11YVZAF
Approved
B
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
5
Please contact a local SHARP sales representative to inquire about production status.
PC4SF11YVZ Series
Sheet No.: D2-A08201EN
■ Model Line-up (1) (Lead-free components)
■ Model Line-up (2) (Lead solder plating components)
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
-
-
MAX.7
MAX.10
Sleeve
50pcs/sleeve
PC4SF11YTZB
Approved
SMT Gullwing
-
-
PC4SF11YXZB
Approved
Wide Through-Hole
-
-
PC4SF11YVZB
-
PC4SF11YTZA
-
PC4SF11YXZA
-
PC4SF11YVZA
Approved
B
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
-
-
MAX.7
MAX.10
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC4SF11YWZBF
Approved
SMT Gullwing
-
-
PC4SF11YXPBF
Approved
Wide SMT Gullwing
-
-
PC4SF11YWPBF
-
PC4SF11YWZAF
-
PC4SF11YXPAF
-
PC4SF11YWPAF
Approved
B
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
-
-
MAX.7
MAX.10
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC4SF11YWZB
Approved
SMT Gullwing
-
-
PC4SF11YXPB
Approved
Wide SMT Gullwing
-
-
PC4SF11YWPB
-
PC4SF11YWZA
-
PC4SF11YXPA
-
PC4SF11YWPA
Approved
B
A
IFT[mA]
(VD
=6V,
RL
=100Ω)
Rank mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com