Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32419 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP32419
Description  28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32419 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP32419 Datasheet HTML 6Page - Vishay Siliconix SIP32419 Datasheet HTML 7Page - Vishay Siliconix SIP32419 Datasheet HTML 8Page - Vishay Siliconix SIP32419 Datasheet HTML 9Page - Vishay Siliconix SIP32419 Datasheet HTML 10Page - Vishay Siliconix SIP32419 Datasheet HTML 11Page - Vishay Siliconix SIP32419 Datasheet HTML 12Page - Vishay Siliconix SIP32419 Datasheet HTML 13Page - Vishay Siliconix SIP32419 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BOTTOM VIEW
NOTES:
1.
All dimensions are in millimeters and inches.
2.
N is the total number of terminals.
3.
Dimension b applies to metallized terminal and is measured
between 0.15 and 0.30 mm from terminal tip.
4.
Coplanarity applies to the exposed heat sink slug as well as the
terminal.
5.
The pin #1 identifier may be either a mold or marked feature, it
must be located within the zone iindicated.
E
D
D/2
E/2
TOP VIEW
SEATING
PLANE
A3
A1
A
SIDE VIEW
C
0.08
C
0.10
//
4
NX
3
Terminal Tip
e
3
C
0.10 M
A
B
NXb
E2
Exposed Pad
NXL
D2
Index Area
D/2
E/2
5
Index Area
D/2
E/2
5
C
0.15
2x
Package Information
Vishay Siliconix
Document Number: 73181
29-Nov-04
www.vishay.com
1
DFN-10 LEAD (3 X 3)
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.20 BSC
0.008 BSC
b
0.18
0.23
0.30
0.007
0.009
0.012
D
3.00 BSC
0.118 BSC
D2
2.20
2.38
2.48
0.087
0.094
0.098
E
3.00 BSC
0.118 BSC
E2
1.49
1.64
1.74
0.059
0.065
0.069
e
0.50 BSC
0.020 BSC
L
0.30
0.40
0.50
0.012
0.016
0.020
*Use millimeters as the primary measurement.
ECN: S-42134—Rev. A, 29-Nov-04
DWG: 5943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com