Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358N Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM358N
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM358N Datasheet(HTML) 2 Page - STMicroelectronics

  LM358N Datasheet HTML 1Page - STMicroelectronics LM358N Datasheet HTML 2Page - STMicroelectronics LM358N Datasheet HTML 3Page - STMicroelectronics LM358N Datasheet HTML 4Page - STMicroelectronics LM358N Datasheet HTML 5Page - STMicroelectronics LM358N Datasheet HTML 6Page - STMicroelectronics LM358N Datasheet HTML 7Page - STMicroelectronics LM358N Datasheet HTML 8Page - STMicroelectronics LM358N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM158,A-LM258,A-LM358,A
2/12
SCHEMATIC DIAGRAM (1/2 LM158)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
LM158,A
LM258,A
LM358,A
Unit
VCC
Supply voltage
+/-16 or 32
V
Vi
Input Voltage
-0.3 to +32
V
Vid
Differential Input Voltage
+32
V
Ptot
Power Dissipation 1)
1.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded.
500
mW
Output Short-circuit Duration 2)
2.
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is approximately 40mA independent
of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuit on all amplifiers.
Infinite
Iin
Input Current 3)
3.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP
transistor becoming forward biased and thereby acting as input diodes clamps. In addition to this diode action, there is also NPN parasitic action on
the IC chip. this transistor action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large overdrive)
for the time duration than an input is driven negative.
This is not destructive and normal output will set up again for input voltage higher than -0.3V.
50
mA
Toper
Opearting Free-air Temperature Range
-55 to +125
-40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
6
µA
4
µA
100
µA
Q2
Q3
Q4
Q1
Inverting
input
Non-inverting
input
Q8
Q9
Q10
Q11
Q12
50
µA
Q13
Output
Q7
Q6
Q5
R
SC
V
CC
C C
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com