Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3211 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3211
Description  Step-up PWM DC/DC Converter Integrated with 4 Buffers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3211 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3211 Datasheet HTML 1Page - National Semiconductor (TI) LM3211 Datasheet HTML 2Page - National Semiconductor (TI) LM3211 Datasheet HTML 3Page - National Semiconductor (TI) LM3211 Datasheet HTML 4Page - National Semiconductor (TI) LM3211 Datasheet HTML 5Page - National Semiconductor (TI) LM3211 Datasheet HTML 6Page - National Semiconductor (TI) LM3211 Datasheet HTML 7Page - National Semiconductor (TI) LM3211 Datasheet HTML 8Page - National Semiconductor (TI) LM3211 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Connection Diagram
Top View
20062204
TSSOP 20 package
T
JMAX = 125˚C,
θ
JA = 120˚C/W (Note 1)
Pin Description
Pin
Name
Function
1V
SW
Power switch input.
2V
IN
Switching Regulator Power input.
3
SHDN
Shutdown pin, active low.
4
FSLCT
Frequency Select pin. FSLCT = V
IN for 1.25 MHz, FSLCT = AGND or floating for 600kHz.
5
Vs+
Gamma Buffer input supply.
6
GMA1-in
Gamma Buffer input.
7
GMA2-in
Gamma Buffer input.
8
GMA3-in
Gamma Buffer input.
9
GMA4-in
Gamma Buffer input.
10
NC
No Connection, leave open.
11
NC
No Connection, leave open.
12
GMA4-out
Gamma Buffer output.
13
GMA3-out
Gamma Buffer output.
14
GMA2-out
Gamma Buffer output.
15
GMA1-out
Gamma Buffer output.
16
SS
Soft start pin.
17
V
C
Boost Compensation Network Connection.
18
FB
Output Voltage Feedback input.
19
AGND
Gamma Buffer ground, Analog ground connection for Regulator.
20
GND
Switch Power Ground.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com