Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # HER201
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

HER201 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  HER201_15 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited HER201_15 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--15,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces,0.39 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
GALAXY ELECTRICAL
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
1.7
1.0
1.3
1.0
50
50
75
100.0
- 55 ---- + 125
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
DO - 15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
The plastic material carries U/L recognition 94V-0
IR
30
50
100
200
300
400
400
600
800 1000
- 55 ---- + 150
HER201--- HER208
A
5.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
2.0
HIGH EFFICIENCY RECTIFIERS
35
70
140
210
280
280
420
560 700
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 2.0 A
A
3. Thermal resistance f rom junction to ambient.
HER
201
HER
202
50
100
200
300
400
400
600
800 1000
A
60.0
IFSM
50
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 1562104
1.
HER
205P
Dimensions in millimeters


Similar Part No. - HER201_15

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
HER201 CTC-HER201_15 Datasheet
66Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER201 LRC-HER201_15 Datasheet
208Kb / 7P
High Efficiency Rectifiers
logo
Rugao Dachang Electroni...
HER201 DACHANG-HER201_15 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers
logo
GOOD-ARK Electronics
HER201 GOOD-ARK-HER201_15 Datasheet
190Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results

Similar Description - HER201_15

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com