Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8521HCED/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8521HCED/V
Description  STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8521HCED/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8521HCED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8521HCED/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Product Preview
WM8521
w
PP Rev 1.3 December 2004
15
DIGITAL FILTER CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Passband Edge
-3dB
0.487fs
Passband Ripple
f < 0.444fs
±0.05
dB
Stopband Attenuation
f > 0.555fs
-60
dB
Table 6 Digital Filter Characteristics
DAC FILTER RESPONSES
-120
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
Figure 9 DAC Digital Filter Frequency Response
–44.1,48 and 96kHz
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0.4
0.45
0.5
0.55
0.6
Frequency (Fs)
Figure 10 DAC Digital Filter Transition Band
–44.1,48 and 96kHz
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
0.1
0.2
0.3
0.4
0.5
Frequency (Fs)
Figure 11 DAC Digital Filter Ripple – 44.1, 48 and 96kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com