Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772SEFT Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8772SEFT
Description  24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772SEFT Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8772SEFT Datasheet HTML 62Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 63Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 64Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 65Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 66Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 67Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 68Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 69Page - Wolfson Microelectronics plc WM8772SEFT Datasheet HTML 70Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 69 / 70 page
background image
Production Data
WM8772EFT – 32 PIN TQFP
w
PD Rev 4.1 October 2004
69
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MS-026, VARIATION = ABA. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.05
-----
0.15
A2
0.95
1.00
1.05
b
0.30
0.37
0.45
c
0.09
-----
0.20
D
9.00 BSC
D1
7.00 BSC
E
9.00 BSC
E1
7.00 BSC
e
0.80 BSC
L
0.45
0.60
0.75
Θ
Θ
Θ
Θ
0
o
3.5
o
7
o
Tolerances of Form and Position
ccc
0.10
REF:
JEDEC.95, MS-026
DM028.A
FT: 32 PIN TQFP (7 x 7 x 1.0 mm)
17
24
8
1
D1
D
E1
E
9
16
25
32
b
e
Θ
Θ
Θ
Θ
c
L
A
A2
A1
SEATING PLANE
ccc C
-C-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com