Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8974 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8974
Description  MONO CODEC WITH SPEAKER DRIVER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8974 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8974 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
WM8974
Product Preview
w
PP Rev 1.1 September 2004
28
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
DACMU
1
DAC Softmute:
0 = Unmuted
1 = Muted
5:4
DEEMP
[1:0]
00
De-emphasis Control:
00 = No De-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
3
DACOSR
0
DAC oversampling rate:
0=64x (lowest power)
1=128x (best performance)
2
AMUTE
0
Automute enable
0 = Amute disabled
1 = Amute enabled
R10
DAC Control
0
DACPOL
0
DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
Table 10 DAC Control Register
The digital audio data is converted to oversampled bit streams in the on-chip, true 24-bit digital
interpolation filters. The bitstream data enters a multi-bit, sigma-delta DAC, which converts it to a
high quality analogue audio signal. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter.
The DAC output defaults to non-inverted. Setting DACPOL will invert the DAC output phase on both
left and right channels.
AUTOMUTE
The DAC has an automute function which applied an analogue mute when 1024 consecutive zeros
are detected. The mute is release as soon as a non-zero sample is detected. Automute can be
disabled using the AMUTE control bit.
DAC OUTPUT LIMITER
The WM8974 has a digital output limiter function. The operation of this is shown in Figure 14. In
this diagram the upper graph shows the envelope of the input/output signals and the lower graph
shows the gain characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com