Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6584AIM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6584AIM
Description  Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6584AIM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMC6584AIM Datasheet HTML 11Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 12Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 13Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 14Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 15Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 16Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 17Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 18Page - National Semiconductor (TI) LMC6584AIM Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Battery Monitoring Circuit (Continued)
The LMC6582/4 has been optimized for performance at 3V,
and also has guaranteed specs at 1.8V and 2.2V. In portable
applications, the R
Load represents the laptop/notebook, or
any other computer which the battery is powering. A desired
output voltage can be achieved by manipulating the ratios of
the feedback resistors. During the charging cycle, the cur-
rent flows out of the battery as shown. While during dis-
charge, the current is in the reverse direction. Since the cur-
rent can range from a few milliamperes to amperes, the
amplifier will have to sense a signal below ground during the
discharge cycle. At 3V, the LMC6582/4 can accept a signal
up to 300 mV below ground. The common-mode voltage
range of the LMC6582/4, which extends beyond both rails is
thus a very useful feature in this application.
A typical offset voltage of 0.5 mV, and CMRR of 82 dB main-
tain accuracy in the circuit outputs while the rail-to-rail output
performance allows for a maximum signal range.
DS012041-34
FIGURE 24. Circuit used to Sense Discharging
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com